M2AS1-A432-R2
AI

The **M2AS1-A432-R2** is a specialized high-performance industrial computing component, typically associated with **IEI Integration Corp**. It is a module often used in network appliances, edge computing, or acceleration cards.
Below is a breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
This part is categorized as an **M.2 Acceleration Module**, specifically designed to offload processing tasks (like AI inference or high-speed networking) from the main CPU.
| Component Feature | Specification |
| :--- | :--- |
| **Form Factor** | M.2 A+E Key (2230) |
| **Interface** | PCIe Gen2 x1 |
| **Chipset/Controller** | ASPEED AST1030 (Commonly used in this series) |
| **Function** | Remote Management / I/O Expansion |
| **Operating Temp** | 0°C ~ 60°C (Standard Industrial) |
---
### 2. Key Electronic Components
The "R2" designation indicates **Revision 2**, which usually implies minor PCB layout optimizations or a change in passive component suppliers for better stability.
#### A. The Controller IC
The heart of this module is typically an **ASPEED** controller. These chips are designed for:
* **BMC (Baseboard Management Controller) Lite:** Providing remote monitoring capabilities.
* **Video Redirection:** Handling basic VGA output for headless servers.
#### B. Power Management
* **Voltage Regulators:** Converts the 3.3V supplied by the M.2 slot into 1.8V or 1.2V required by the logic core.
* **Decoupling Capacitors:** Multilayer Ceramic Capacitors (MLCC) are placed near the controller to filter high-frequency noise.
#### C. Connectivity
* **M.2 Gold Fingers:** Uses the **A+E Key** configuration, which is standard for WiFi or low-speed expansion modules, ensuring it cannot be accidentally plugged into a standard NVMe (M-Key) slot.
---
### 3. Pinout and Interface Logic
The electronic communication happens over the following logical paths:
1. **PCIe Differential Pairs:** Used for data transfer between the host CPU and the ASPEED controller.
2. **I2C/SMBus:** Used for "Out-of-Band" management, allowing the system to read sensor data (temperature, voltage) even if the OS is crashed.
3. **UART:** Serial console access for debugging the module hardware.
---
### 4. Typical Applications
* **Edge Gateways:** Adding remote management to a compact industrial PC.
* **Industrial Automation:** Acting as a watchdog timer or system health monitor.
* **Server Expansion:** Providing a secondary management path in high-density rack servers.
- ⤷
What are the specific pinout differences between M.2 A-Key and E-Key?
- ⤷ Can this module be used for AI inference acceleration?
- ⤷ What drivers are required for the ASPEED AST1030 controller?