công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AS1-A431-R2/CE

  • AI
    The **M2AS1-A431-R2/CE** is a specialized electronic component, typically categorized as a **Limit Switch** or **Position Switch** often used in industrial automation, specifically within the safety and sensing sectors (commonly associated with brands like *Bernstein* or similar industrial manufacturers). Below is a breakdown of its electronic and mechanical characteristics. --- ### 1. General Specifications This part is designed to convert mechanical motion into an electrical control signal. | Feature | Description | | :--- | :--- | | **Component Type** | Electromechanical Limit Switch | | **Actuator Type** | Roller Lever / Adjustable Arm (depending on specific R2 config) | | **Contact Configuration** | 1 NO (Normally Open) + 1 NC (Normally Closed) | | **Switching Principle** | Snap-Action or Slow-Action Contacts | | **Housing Material** | Metal (Die-cast Aluminum) or High-strength Thermoplastic | --- ### 2. Electrical Parameters The internal contacts are designed to handle industrial control voltages and currents. * **Rated Insulation Voltage ($U_i$):** Typically 250V - 400V AC. * **Thermal Current ($I_{th}$):** Usually rated up to 10A. * **Utilization Category:** * **AC-15:** Control of electromagnetic loads (solenoids, contactors). * **DC-13:** Control of electromagnets in DC circuits. * **Connection Type:** Screw terminals accessible via a removable cover. --- ### 3. Key Components & Construction The "Electronic" functionality is purely electromechanical, meaning it does not contain integrated circuits (ICs) but relies on high-quality conductive paths. 1. **Contact Block:** The core module where the electrical switching occurs. It uses silver-nickel or gold-plated contacts to ensure low resistance and high reliability. 2. **Galvanic Isolation:** The NO and NC contacts are electrically separated (Form Zb), allowing for the control of two independent circuits. 3. **Positive Opening:** The NC contact is designed with a "positive break" feature, ensuring that even if the contacts weld, mechanical force will pull them apart—a critical safety requirement. 4. **Cable Entry:** Usually features an M20 x 1.5 threaded hole for industrial cable glands, ensuring an IP65/IP67 environmental protection rating. --- ### 4. Technical Nomenclature Decoded (A431 Series) Based on standard industrial naming conventions for this series: * **M2:** Often denotes the housing size or series (Metal/Medium). * **AS1:** Relates to the internal switching contact module (e.g., Snap action). * **A431:** Refers to the specific mechanical head/actuator type (Roller plunger or lever). * **R2:** Indicates a specific revision or a particular roller diameter/material. * **CE:** Certification indicating compliance with European Union health, safety, and environmental protection standards. --- ### 5. Application Circuit Example A simple representation of how the NC (Normally Closed) contact is used in a safety E-Stop loop: ```yaml [Power Source 24VDC] | [M2AS1 NC Terminal 11] --- (Switch Closed) --- [M2AS1 NC Terminal 12] | [Control Relay / PLC Input] | [Ground/Common] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the IP rating for the M2AS1 series housing?
    • ⤷ Can this switch be used in safety-critical SIL 3 applications?
    • ⤷ What are the mounting hole dimensions for this specific model?