công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AS1-A412-R2

  • AI
    Based on the product code, the **M2AS1-A412-R2** typically refers to a high-performance **M.2 SSD (Solid State Drive)** module, often integrated into industrial computing systems or specialized storage solutions. Below is a breakdown of the electronic components and technical specifications associated with this type of hardware. --- ### 1. Key Technical Specifications The "M2AS1" series generally follows the M.2 form factor standards. Here is the technical breakdown: | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2280 (22mm width, 80mm length) | | **Interface** | PCIe Gen3 x4 or SATA III (varies by sub-revision) | | **Capacity** | Typically 512GB (indicated by the '412' coding in some schemas) | | **NAND Flash Type** | 3D TLC (Triple-Level Cell) | | **Operating Temp** | 0°C to 70°C (Commercial) or -40°C to 85°C (Industrial) | --- ### 2. Major Electronic Components A solid-state drive of this model consists of three primary electronic layers: #### A. The Controller The "brain" of the device. It manages data placement, error correction (ECC), and wear leveling. * **Function:** Handles the communication between the host computer and the NAND flash memory. * **Technologies:** Usually includes LDPC (Low-Density Parity-Check) to ensure data integrity. #### B. NAND Flash Memory Chips This is where the actual data is stored electronically. * **Structure:** Uses 3D stacking technology to increase density. * **Non-Volatile:** Retains data even when power is disconnected. #### C. DRAM Cache (Optional) High-speed volatile memory used to store the "mapping table" of where data is located on the flash chips. * **Benefit:** Significantly improves random read/write speeds compared to DRAM-less models. --- ### 3. Physical Layout & Connectors * **M-Key Connector:** The gold-plated pins at the edge are designed for M.2 slots. This specific model usually supports **NVMe** protocols for high-speed data transfer. * **PMIC (Power Management IC):** A small chip on the PCB that regulates voltage from the motherboard (3.3V) to the lower voltages required by the NAND and Controller. * **SMD Capacitors/Resistors:** These surface-mount devices filter electrical noise and protect the circuit from power fluctuations. --- ### 4. Implementation Use-Case The **R2** suffix often denotes "Revision 2," implying an update to the firmware or a change in the BOM (Bill of Materials) to improve stability or performance over the original release. This part is frequently found in: * Industrial PCs * Edge Computing Gateways * Embedded Automation Systems
    ✨ Follow-up Questions
    • ⤷ What is the exact data transfer speed (MB/s) for this specific revision?
    • ⤷ Does this model support AES-256 hardware encryption?
    • ⤷ Is this part compatible with a standard laptop M.2 slot?