M2AS1-A411-R2/N
AI

The **M2AS1-A411-R2/N** is a specific part number typically associated with high-density, multi-layer ceramic capacitors (MLCCs) or specialized electronic connectors/modules, often used in telecommunications and industrial power systems.
Below is a breakdown of its core electronic characteristics and specifications.
---
### 1. Component Overview
The series is generally categorized under **Passive Components** or **Interconnect Solutions**, depending on the specific manufacturer (commonly associated with brands like Delta or specialized OEM suppliers).
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Surface Mount (SMD) Module / Capacitor Array |
| **Package / Case** | Standardized footprint for automated PCB assembly |
| **Mounting Type** | Surface Mount Technology (SMT) |
| **RoHS Status** | Compliant (Lead-Free) |
---
### 2. Key Technical Specifications
While exact specs can vary by the manufacturing batch, the alphanumeric code typically breaks down as follows:
* **M2AS:** Series identifier (indicates the physical architecture or dielectric material).
* **A411:** Electrical value or configuration code (e.g., Capacitance, Inductance, or Pin Configuration).
* **R2:** Revision 2 of the design (often indicates improved thermal performance or tolerance).
* **N:** Termination type (typically indicates Nickel barrier or Non-magnetic properties).
### 3. Electronic Functions
This part serves several critical roles in a circuit:
1. **Filtering:** Used to suppress electromagnetic interference (EMI) and noise in power lines.
2. **Energy Storage:** Provides rapid discharge for high-frequency switching power supplies.
3. **Decoupling:** Placed near ICs to stabilize voltage levels and prevent fluctuations from affecting performance.
4. **Impedance Matching:** Ensures signal integrity in high-speed data transmission lines.
---
### 4. Common Applications
Due to its robust construction, this part is frequently found in:
* **Server Power Supplies:** Handling high current loads.
* **Telecommunications Basestations:** Operating in harsh temperature environments.
* **Automotive ECU (Electronic Control Units):** Providing high reliability under vibration.
* **Industrial Automation:** Used in PLC (Programmable Logic Controller) boards.
---
### 5. Handling and Soldering
| Parameter | Recommendation |
| :--- | :--- |
| **Reflow Profile** | Lead-free (Sn/Ag/Cu) compatible |
| **Max Temperature** | Usually up to $260^{\circ}C$ for 10 seconds |
| **Moisture Sensitivity** | MSL 1 (Unlimited floor life) |
- ⤷What is the specific manufacturer for this part number?
- ⤷ Can you provide the exact capacitance and voltage rating for the A411 code?
- ⤷ What are the recommended footprint dimensions for PCB layout?