M2AS1-A343-R2/N
AI

The **M2AS1-A343-R2/N** is a specific part number typically associated with **M.2 (NGFF) Connectors**, often manufactured by companies like **LOTES** or other specialized connector suppliers used in PC and server hardware.
These components are surface-mount technology (SMT) connectors designed to interface M.2 modules (SSD, Wi-Fi, Bluetooth) with a motherboard or PCB.
---
### Technical Specifications and Electronic Profile
| Feature | Specification Details |
| :--- | :--- |
| **Connector Type** | M.2 (Next Generation Form Factor / NGFF) |
| **Mechanical Keying** | Type A Key (commonly used for Wireless/IoT modules) |
| **Mounting Type** | Surface Mount (SMT), Right Angle |
| **Pin Count** | 67-75 Positions (Standard M.2 layout) |
| **Pitch** | 0.50 mm |
| **Operating Voltage** | 50V AC/DC |
| **Current Rating** | 0.5A per pin |
| **Durability** | ~60 Mating Cycles |
---
### Component Breakdown
#### 1. Pin Configuration and Signal Integrity
The electronic design of the "A343" series focuses on high-speed differential signaling. It is designed to support:
* **PCIe Gen 3/Gen 4:** Ensuring minimal crosstalk and impedance control (usually 85Ω or 100Ω).
* **USB 2.0/3.0:** Often routed through the A-Key for Bluetooth functions on Wi-Fi cards.
#### 2. Materials and Construction
* **Housing:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer) to withstand reflow soldering temperatures (up to 260°C).
* **Contacts:** Copper alloy with selective gold plating (typically 3μ" to 15μ") to ensure low contact resistance and prevent oxidation.
* **Solder Tabs:** Large metal "ears" or anchors on the sides provide mechanical stability to prevent the connector from being ripped off the PCB during module insertion.
#### 3. Part Number Suffix Decoding
* **-R2:** Usually denotes a specific revision of the physical mold or a change in the reel packaging quantity.
* **/N:** Often indicates "Halogen-Free" or "Lead-Free" compliance (RoHS/Reach).
---
### Application Use Cases
This specific connector is found in:
1. **Motherboards:** For Wi-Fi/Bluetooth module slots.
2. **Industrial PCs:** Compact storage or communication interfaces.
3. **Laptops:** Slim-profile connectivity for M.2 2230 or 2242 form factor cards.
---
- ⤷
What is the difference between an 'A Key' and an 'M Key' in M.2 connectors?
- ⤷ What are the recommended soldering temperature profiles for this SMT connector?
- ⤷ Can this connector support PCIe Gen 5 speeds?