công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AS1-A243-R2/Q

  • AI
    The **M2AS1-A243-R2/Q** typically refers to a specific configuration of an **Electromechanical Power Relay**, often associated with automotive or industrial control modules (frequently manufactured by brands like ZETTLER or specialized automotive suppliers). --- ## 1. Component Overview This part is a miniature power relay designed for PCB (Printed Circuit Board) mounting. It functions as an electrically operated switch, allowing a low-power signal to control a high-current circuit. ### Key Technical Specifications | Feature | Description | | :--- | :--- | | **Contact Form** | SPDT (1 Form C) or SPST (1 Form A) | | **Coil Voltage** | 24V DC (Indicated by the "24" in the part number) | | **Switching Capacity** | Typically up to 30A (Automotive Grade) | | **Mounting Type** | Through-Hole (PCB) | | **Sealing** | Flux tight or Sealed (Plastic P-type) | --- ## 2. Electronic Breakdown The device consists of three primary electronic sections: ### A. The Coil (Input Side) * **Voltage:** Rated for 24V DC. * **Function:** When current flows through the coil, it creates a magnetic field. * **Protection:** In many circuits, a **flyback diode** must be placed in parallel with this coil to prevent voltage spikes when the relay is turned off. ### B. The Contacts (Output Side) * **Material:** Usually Silver Tin Oxide ($AgSnO_2$) for high endurance against arcing. * **Rating:** Capable of handling high inductive loads (motors) or resistive loads (heaters). * **R2/Q Designation:** Often refers to specific contact plating or a quality standard (Automotive Grade/Quiet operation). ### C. Mechanical Housing * **Enclosure:** Heat-resistant plastic designed to withstand engine-bay or industrial cabinet temperatures. * **Terminals:** Copper alloy pins for high conductivity and low thermal resistance. --- ## 3. Terminal Configuration While pinouts can vary by manufacturer, a standard relay of this series follows this logic: ```text Pin 1 & 2: Coil Terminals (Connect to Control Signal) Pin 3: Common (COM) Pin 4: Normally Closed (NC) - [If SPDT] Pin 5: Normally Open (NO) ``` --- ## 4. Typical Applications * **Automotive Systems:** 24V Truck/Bus electrical systems, lighting control, and wiper motors. * **Industrial Automation:** PLC output switching and solenoid valve control. * **HVAC:** Fan motor control in industrial air conditioning units.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the contacts on this specific model?
    • ⤷ Does this relay require a flyback diode for PCB protection?
    • ⤷ Can this 24V relay be triggered by a 12V logic signal?