công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AS1-A241-R

  • AI
    The **M2AS1-A241-R** is a specific model of an **Industrial Relay** (typically associated with brands like Song Chuan or similar manufacturers). This part belongs to the category of electromechanical switches used to control high-power circuits with a low-power signal. --- ### 1. Technical Specifications The part number defines its electrical characteristics and physical build. Below is a breakdown of the typical specifications for this series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Electromechanical Relay | | **Contact Form** | SPDT (1 Form C) or SPST (1 Form A) | | **Nominal Coil Voltage** | 24V DC | | **Contact Rating** | 20A - 30A @ 125VAC / 14VDC | | **Mounting Type** | PCB (Printed Circuit Board) Through-Hole | | **Terminal Arrangement** | Automotive / Industrial Standard Layout | | **Features** | Flux tight or Sealed (R-suffix often denotes environmental protection) | --- ### 2. Internal Electronic Components The device consists of four primary electronic/mechanical parts: 1. **The Coil (Actuator):** A copper wire winding around an iron core. When 24V DC is applied, it creates a magnetic field. 2. **The Armature:** A moving lever that responds to the magnetic field generated by the coil. 3. **Spring Mechanism:** Returns the armature to its original position once the power to the coil is removed. 4. **Contacts:** High-conductivity metal points (often Silver Alloy) that physically open or close the electrical circuit. --- ### 3. Application Use Cases This specific relay is frequently used in power management and automation. * **Automotive Electronics:** Control of cooling fans, fuel pumps, and lighting systems. * **Industrial Automation:** Switching solenoids, motors, and heating elements. * **HVAC Systems:** Controlling compressors or blower motors in 24V control circuits. --- ### 4. Part Number Decoding (General) While specific to the manufacturer, the code generally breaks down as follows: * **M2AS1:** Series designation (Micro/Miniature Power Relay). * **A:** Contact arrangement (Form A - Normally Open). * **24:** Nominal Coil Voltage (24 Volts). * **1:** Contact material or specific build variation. * **R:** Resistor or Diode suppression (to protect against Back EMF) or Wash-tight sealing.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M2AS1 series?
    • ⤷ How does the 'R' suffix specifically affect the internal circuit (diode vs. resistor)?
    • ⤷ What are the maximum switching voltage limits for this relay?