M2AS1-A221-R2
AI

The **M2AS1-A221-R2** is a specific part number typically associated with high-performance **Industrial SSD (Solid State Drive) modules**, specifically following the **M.2 2280** form factor. These are often utilized in embedded systems, servers, and industrial automation due to their durability and power loss protection features.
---
### Technical Specifications
Below are the primary electronic and physical specifications for this component:
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | M.2 2280 (80mm length) |
| **Interface** | SATA III 6.0 Gbps (Backward compatible) |
| **Capacity** | Typically 128GB to 256GB (model variant dependent) |
| **Flash Type** | industrial-grade 3D TLC or MLC |
| **Operating Voltage** | 3.3V ± 5% |
| **Operating Temp** | 0°C to 70°C (Standard) / -40°C to 85°C (Industrial) |
---
### Key Electronic Components
The "R2" revision of this module usually indicates a hardware refresh or a specific controller/firmware optimization. The internal architecture consists of:
#### 1. The Controller
The brain of the SSD. It manages the **ECC (Error Correction Code)**, wear leveling, and bad block management. In industrial models like the M2AS1, the controller is optimized for high IOPS (Input/Output Operations Per Second) and data integrity.
#### 2. NAND Flash Memory
This is where data is stored non-volatilely.
* **3D TLC/MLC:** Uses stacked layers of cells to increase density.
* **Endurance:** Designed for high P/E (Program/Erase) cycles compared to consumer-grade drives.
#### 3. Power Management IC (PMIC)
The circuitry responsible for:
* **Voltage Regulation:** Converting the 3.3V input to lower voltages for the controller and NAND.
* **Power Loss Protection (PLP):** Often includes tantalium capacitors or "PowerShield" technology to ensure data in the cache is written to the NAND if power is suddenly cut.
---
### Common Applications
* **Industrial PCs:** Used as boot drives for automation software.
* **Digital Signage:** High reliability for 24/7 continuous operation.
* **Medical Equipment:** Requires stable performance and long-term supply availability.
* **Networking Gear:** Used in routers and switches for OS storage.
- ⤷
What is the endurance rating (TBW) for the M2AS1-A221-R2?
- ⤷ Does this specific model support AES-256 hardware encryption?
- ⤷ Is there a ruggedized version available for extreme vibration environments?