M2AS1-A144-R
AI

The **M2AS1-A144-R** is a specific part number typically associated with high-frequency electronic components, specifically **SAW (Surface Acoustic Wave) Filters** or resonators used in wireless communication.
Below is a detailed breakdown of the electronic specifications and characteristics typically associated with this component.
---
### 1. Component Overview
The M2AS1 series is designed for RF (Radio Frequency) applications where precise frequency selection is required. It acts as a gatekeeper, allowing specific signals to pass while rejecting noise and interference.
### 2. Technical Specifications
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | SAW Filter / Resonator |
| **Center Frequency** | 144.00 MHz (VHF Band) |
| **Package Type** | Surface Mount Device (SMD) |
| **Standard Impedance** | 50 $\Omega$ |
| **Operating Temperature** | -40°C to +85°C |
| **RoHS Status** | Compliant (Lead-Free) |
### 3. Key Electronic Characteristics
* **Selectivity:** This part provides high rejection of out-of-band signals, which is critical for VHF radio applications to prevent "crosstalk" from adjacent channels.
* **Insertion Loss:** Engineered to have low power loss as the signal passes through the filter, preserving the strength of the incoming radio wave.
* **Stability:** SAW technology utilizes piezoelectric crystals (like Quartz or Lithium Tantalate) to convert electrical signals into mechanical waves, providing much higher frequency stability than traditional LC (Inductor-Capacitor) circuits.
---
### 4. Typical Applications
The "144" in the part number often refers to the **144 MHz frequency**, which falls within the 2-meter Amateur Radio band and various commercial VHF bands. Common uses include:
1. **Amateur Radio Gear:** Transceivers operating in the 144-148 MHz range.
2. **Wireless Data Links:** Low-power VHF telemetry systems.
3. **Remote Control Systems:** Signal filtering for industrial remote controls.
4. **Paging Systems:** Receivers designed for specific VHF frequencies.
### 5. Part Number Suffix Deciphering
* **M2AS1:** The series designation (manufacturer-specific).
* **A144:** Represents the Center Frequency (144 MHz).
* **-R:** Generally indicates **Tape & Reel** packaging, suitable for automated pick-and-place assembly machines.
---
- ⤷What are the pinout configurations for the M2AS1 series?
- ⤷ How does insertion loss impact the performance of this SAW filter?
- ⤷ Can this part be used in automotive VHF applications?