công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AS1-A141-R2/Q

  • AI
    The **M2AS1-A141-R2/Q** is a specific variant of an industrial-grade **M.2 Solid State Drive (SSD)**, typically manufactured by companies like **Innodisk** or similar industrial storage providers. These drives are designed for embedded systems, automation, and telecommunications rather than consumer PCs. --- ## Technical Specifications & Electronic Components The "Electronic Parts" of this drive refer to its internal architecture, integrated circuits (ICs), and interface logic. | Component | Specification / Detail | | :--- | :--- | | **Form Factor** | M.2 2242 (42mm length) or 2280 | | **Interface** | SATA III 6.0 Gb/s (Backward compatible with SATA II/I) | | **Flash Type** | iCell / MLC or 3D TLC (Industrial Grade) | | **Capacity** | Typically 128GB to 512GB (depending on the specific sub-series) | | **Controller** | Advanced Industrial SATA Controller with ECC support | | **Connector** | B+M Key (SATA M.2) | --- ## Key Electronic Features ### 1. The Controller & Firmware The heart of the M2AS1 series is a dedicated controller that manages data flow between the SATA interface and the NAND flash. * **Wear Leveling:** Distributes write/erase cycles across the flash to extend lifespan. * **Bad Block Management:** Identifies and isolates faulty cells at the hardware level. * **ECC (Error Correction Code):** Uses LDPC (Low-Density Parity-Check) to ensure data integrity. ### 2. NAND Flash Memory This part uses industrial-grade non-volatile memory. Unlike consumer drives, these chips are binned for higher endurance and can often operate in extended temperature ranges (**-40°C to +85°C**). ### 3. Power Management (iData Guard / iPower Guard) The "R2/Q" designation often implies specific hardware revisions for power stability: * **Voltage Detectors:** Triggers a data-flush if input voltage drops below a safe threshold. * **Tantalum Capacitors (Optional):** Some industrial M.2 modules include small capacitors to provide "Power Loss Protection" (PLP), allowing the drive to finish writing cached data during a power failure. ### 4. PCB Layout The Printed Circuit Board (PCB) is designed with: * **Gold Fingers:** 30μ” gold plating on the M.2 pins to prevent corrosion in humid or industrial environments. * **Thermal Sensors:** On-board sensors that throttle performance if the controller exceeds safe operating temperatures. --- ## Pinout Mapping (M.2 SATA B+M Key) | Pin Range | Signal Type | Function | | :--- | :--- | :--- | | **1 - 11** | Power/GND | 3.3V Input and Grounding | | **12 - 19** | B-Key Notch | Mechanical keying for SATA/PCIe x2 | | **20 - 66** | Data I/O | Differential pairs for SATA Transmit (TX) and Receive (RX) | | **67 - 75** | M-Key Notch | Mechanical keying for SATA/PCIe x4 | ---
    ✨ Follow-up Questions
    • ⤷ Does this specific model support Hardware Encryption (AES-256)?
    • ⤷ What is the Terabytes Written (TBW) rating for the M2AS1 series?
    • ⤷ Is this drive compatible with a standard NVMe M.2 slot?