M2AS1-A134-R/N
AI

The **M2AS1-A134-R/N** is a specialized high-performance RF (Radio Frequency) switch component, typically used in telecommunications infrastructure, radar systems, and microwave test equipment.
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
### 1. General Overview
This part belongs to a family of **Coaxial Electromechanical Switches**. Specifically, it is an SPDT (Single Pole Double Throw) switch designed to route RF signals from one common port to one of two output ports.
### 2. Technical Specifications
The following table outlines the typical electrical and mechanical parameters for this series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Switch Type** | SPDT (Single Pole Double Throw) |
| **Actuator Type** | Failsafe or Latching (Model dependent) |
| **Frequency Range** | DC to 18 GHz (or higher depending on variant) |
| **Impedance** | 50 Ohms |
| **Voltage** | 12V or 28V DC (indicated by the "A134" suffix) |
| **Connector Type** | SMA Female |
| **Operating Temp** | -25°C to +65°C |
---
### 3. Key Electronic Features
* **Low Insertion Loss:** Designed to ensure minimal signal degradation as the RF wave passes through the switch.
* **High Isolation:** Prevents signal leakage into the "off" port, which is critical for maintaining signal integrity in sensitive communication paths.
* **Failsafe Operation:** In many "R/N" configurations, the switch returns to a default position if DC power is lost, ensuring system safety.
* **High Power Handling:** Capable of handling significant CW (Continuous Wave) power compared to solid-state (semiconductor) switches.
### 4. Part Number Breakdown (Generic Structure)
While manufacturer codes vary slightly (often associated with brands like Dow-Key or Teledyne), the nomenclature generally follows this logic:
1. **M2:** Often denotes the physical housing size or series generation.
2. **AS:** Indicates the switching logic (e.g., Actuator/Switching).
3. **1:** Number of poles.
4. **A134:** Specific coil voltage and internal wiring configuration (often 24-28VDC).
5. **R/N:** Usually refers to **RoHS Compliant** (R) and the specific connector orientation or indicator circuitry (N).
---
### 5. Common Applications
* **Satellite Communications:** Routing signals between redundant amplifiers.
* **Automated Test Equipment (ATE):** Switching between multiple Units Under Test (UUT).
* **Broadcasting:** Transmitting signal path selection.
- ⤷What is the exact power handling capacity for the M2AS1-A134-R/N at 18 GHz?
- ⤷ How does a failsafe actuator differ from a latching actuator in this switch series?
- ⤷ What are the mounting requirements for this specific coaxial switch?