AI

The **M2AS1-A124-R2/CE** is a high-performance **Industrial AC Servo Motor** manufactured by **Delta Electronics**, belonging to the **ASDA-A2** series. These motors are designed for high-speed, high-precision applications in automated machinery.
---
### 1. Technical Specifications
The following table outlines the primary electronic and mechanical ratings for this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Series** | ASDA-A2 |
| **Rated Output Power** | 400 W (0.4 kW) |
| **Input Voltage** | 220V AC (Single/Three Phase) |
| **Rated Torque** | 1.27 N-m |
| **Max Torque** | 3.82 N-m |
| **Rated Speed** | 3000 RPM |
| **Max Speed** | 5000 RPM |
| **Encoder Resolution** | 20-bit (1,280,000 pulses/rev) |
| **Brake Option** | No Brake (Standard) |
---
### 2. Key Electronic Components & Features
#### A. 20-bit Optical Encoder
The "R2" designation indicates the inclusion of a high-resolution absolute/incremental encoder.
* **Resolution:** It provides 1,280,000 pulses per revolution.
* **Function:** This allows for extreme positioning accuracy and smooth rotation at low speeds, which is critical for CNC and robotic arms.
#### B. Permanent Magnet Synchronous Motor (PMSM)
The motor uses high-grade permanent magnets on the rotor. Unlike induction motors, this electronic design ensures:
* High power density (small footprint for high torque).
* Low rotor inertia, allowing for rapid acceleration and deceleration.
#### C. Integrated Safety & Protection (CE Marking)
The `/CE` suffix indicates compliance with European Union safety standards. Electronic protections include:
* **Overcurrent Protection:** Prevents winding damage during stalls.
* **Overvoltage Protection:** Guards against regenerative energy spikes.
* **Thermal Sensors:** Embedded sensors to prevent overheating.
---
### 3. Connection Interface
The motor interfaces with the **ASD-A2-0421-M/F/L/U** series servo drives using the following connectors:
1. **Power Cable:** Supplies U, V, W, and Ground (G) phases to the stator windings.
2. **Encoder Cable:** A dedicated shielded cable to transmit high-speed differential signals back to the drive for closed-loop control.
---
### 4. Typical Applications
Due to its 400W power rating and high-speed capability, it is commonly found in:
* **SMT (Surface Mount Technology) machines.**
* **Packaging equipment.**
* **Medical imaging tables.**
* **Laser cutting heads.**
- ⤷
Which Delta Servo Drive series is most compatible with the M2AS1-A124-R2/CE?
- ⤷ What are the wiring differences between the Power and Encoder cables for this motor?
- ⤷ How does the 20-bit encoder resolution improve motion smoothness compared to 17-bit models?