AI

The **M2AS1-A123-R** is a specific electronic component typically categorized as a **DIP (Dual In-line Package) Switch**. These components are widely used on printed circuit boards (PCBs) to manually configure device settings, such as hardware addresses, operation modes, or communication protocols.
---
## Technical Specifications
Based on the part number nomenclature for M2 series switches, here are the primary electronic and mechanical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | DIP Switch (Surface Mount or Through-Hole) |
| **Circuitry** | SPST (Single Pole Single Throw) |
| **Positions** | 1 (Single actuator) |
| **Actuator Style** | Raised or Recessed Slide |
| **Contact Rating** | 25mA @ 24VDC (Switching) / 100mA @ 50VDC (Non-switching) |
| **Insulation Resistance** | 100 MΩ minimum at 500VDC |
| **Operating Force** | 800g Max |
| **Material** | Gold-plated contacts for high reliability |
---
## Core Electronic Parts & Materials
The internal structure of the M2AS1-A123-R consists of several critical elements that ensure electrical continuity:
### 1. The Contacts
* **Base Material:** Usually a copper alloy.
* **Plating:** **Gold over Nickel**. Gold is used because it resists oxidation, ensuring a low-resistance path even after long periods of inactivity in harsh environments.
### 2. The Actuator
* The "A1" in the part number often refers to the **Raised Actuator**. This is the plastic slider that the user moves to open or close the circuit.
* **Mechanical Life:** Typically rated for 2,000 cycles.
### 3. Housing and Base
* **Material:** High-temperature Thermoplastic (e.g., PPS or PBT).
* **Function:** It must withstand the high heat of wave soldering or IR reflow soldering without warping or melting.
### 4. Terminal Seals
* The "-R" suffix usually denotes **Tape & Reel** packaging or **RoHS Compliance**.
* The terminals are often sealed with epoxy to prevent solder flux from entering the switch during the manufacturing process, which could lead to electrical failure.
---
## Electronic Functionality
The M2AS1-A123-R acts as a simple **binary bridge**:
* **ON Position:** The internal sliding contact bridges the two terminals, allowing current to flow.
* **OFF Position:** The contact is moved away, creating an open circuit (high impedance).
It is most commonly used as a "Pull-up" or "Pull-down" input for a Microcontroller (MCU). By setting the switch, the MCU pin is tied either to Ground (0) or VCC (1), allowing the software to read the hardware configuration.
- ⤷
What are the typical soldering temperature requirements for this DIP switch?
- ⤷ Can this switch be used for AC power applications or is it strictly DC?
- ⤷ What is the difference between the A123 and A122 variants of this series?