M2AS1-A121-R2/CE
AI

The **M2AS1-A121-R2/CE** is a high-performance **Industrial AC Servo Motor** manufactured by **Delta Electronics**, belonging to the **ASDA-M series**. This specific model is designed for high-precision motion control applications requiring compact integration and high torque density.
---
### 1. Key Technical Specifications
The following table outlines the core electronic and physical characteristics of the motor:
| Feature | Specification |
|:---|:---|
| **Motor Series** | ASDA-M (High Performance) |
| **Rated Output Power** | 400 W (0.4 kW) |
| **Rated Voltage** | AC 220V |
| **Rated Torque** | 1.27 N-m |
| **Max Torque** | 3.82 N-m |
| **Rated Speed** | 3000 r/min |
| **Max Speed** | 5000 r/min |
| **Encoder Type** | 20-bit Incremental (1,280,000 pulses/rev) |
| **Frame Size** | 60 mm |
---
### 2. Detailed Component Analysis
#### A. The Encoder (High-Resolution Feedback)
One of the most critical electronic parts of this motor is the **20-bit optical encoder**.
* **Precision:** It provides over 1.2 million pulses per revolution.
* **Stability:** High resolution significantly reduces vibration during low-speed operation and improves positioning accuracy for CNC or robotic tasks.
#### B. Electromagnetic Design (Stator & Rotor)
* **Permanent Magnet Rotor:** Uses high-coercivity rare-earth magnets to ensure high torque-to-inertia ratios, allowing for rapid acceleration and deceleration.
* **Stator Winding:** The "A121" designation often refers to specific winding patterns optimized for 220V operation, ensuring thermal efficiency and minimizing electromagnetic interference (EMI).
#### C. Connectivity and Protection
* **Connectors:** Standardized military-style or plastic circular connectors (depending on exact revision) for power and encoder signals to ensure IP65-rated environmental protection.
* **Shaft Seal:** The "R" in the suffix usually denotes the inclusion of an oil seal, protecting the internal electronics from fluid ingress in industrial environments.
---
### 3. Application Context
The M2AS1 series is frequently used in multi-axis systems where a single drive (like the ASDA-M 3-in-1 drive) controls multiple motors. Common use cases include:
* **Electronic Assembly:** Pick-and-place machines.
* **Packaging:** High-speed labeling and filling.
* **Textile Machinery:** Precision tension control.
---
- ⤷
What are the compatible Servo Drive models for the M2AS1-A121-R2?
- ⤷ What is the wiring pinout for the 20-bit encoder connector?
- ⤷ Does this model support an integrated electromagnetic brake?