M2AS1-A111-R2
AI

Based on its nomenclature and common industrial electronic part numbering systems, the **M2AS1-A111-R2** generally refers to a specific configuration of a **Selector Switch** or **Push Button Switch**, typically within the industrial control component category (often associated with brands like Tend or similar industrial automation manufacturers).
---
### 1. Product Identification & Specifications
This part is a modular industrial control switch. Below is the breakdown of its typical electronic and mechanical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Selector Switch (Short Handle / Knob Type) |
| **Mounting Diameter** | 22mm (Standard Industrial Size) |
| **Action Type** | 2-Position / Maintained (Stay-put) |
| **Contact Configuration** | 1NO (Normally Open) + 1NC (Normally Closed) |
| **Voltage Rating** | 250V AC / 600V AC (Insulation Rating) |
| **Current Rating** | 10A (Thermal Current $I_{th}$) |
| **Environmental Protection** | IP65 (Dust-tight and water-jet protected) |
---
### 2. Part Number Breakdown (Nomenclature)
The code represents a specific assembly of modules. While manufacturers vary slightly, the standard breakdown for this series is:
* **M2AS1**: The series identifier. "M2" usually denotes a 22mm metallic or reinforced plastic bezel; "AS" indicates a selector switch; "1" refers to a 2-position 90-degree throw.
* **A**: Handle type (Standard short knob).
* **111**: Contact block configuration. Often "11" indicates one Normally Open (NO) and one Normally Closed (NC) contact block is pre-installed.
* **R2**: Specific revision or color code (often Red or a specific wiring orientation).
---
### 3. Electrical Characteristics & Terminal Map
The switch utilizes a modular contact block system. Each block has screw terminals for secure industrial wiring.
| Terminal Label | Function | State (Position 1) | State (Position 2) |
| :--- | :--- | :--- | :--- |
| **13-14** | NO (Normally Open) | Open Circuit | Closed (Conducting) |
| **11-12** | NC (Normally Closed) | Closed (Conducting) | Open Circuit |
---
### 4. Key Application Use Cases
* **Mode Selection:** Switching a machine between "Manual" and "Auto" modes.
* **Power Isolation:** Serving as a low-voltage control disconnect for a relay or contactor coil.
* **Safety Interlocking:** Using the NC contact to break a circuit when the knob is turned to a "Stop" or "Maintenance" position.
---
- ⤷
What is the maximum switching frequency for this type of selector switch?
- ⤷ Can the contact blocks be swapped for a 2NO configuration?
- ⤷ Is this switch compatible with 24V DC control circuits?