M2AS1-6441-R2
AI

## Overview of M2AS1-6441-R2
The **M2AS1-6441-R2** is a specialized high-speed backplane connector, typically part of the **ExaMAX®** or similar high-density orthometric series produced by manufacturers like **Amphenol**. These components are engineered to support massive data throughput in enterprise-level networking and server environments.
---
### Technical Specifications
The following table outlines the primary electronic and mechanical characteristics of this connector series:
| Parameter | Specification |
| :--- | :--- |
| **Connector Type** | Right-Angle Daughtercard / Receptacle |
| **Data Rate Support** | 25Gbps to 56Gbps (PAM4) per channel |
| **Impedance** | 92 $\Omega$ to 100 $\Omega$ |
| **Configuration** | 6 Columns, 4 Pair (24 Differential Pairs total) |
| **Termination Style** | Press-fit (Compliant Pin) |
| **Pitch** | 2.00mm to 3.00mm (Variable by grid) |
---
### Key Electronic Components & Features
#### 1. Signal Integrity (SI) Optimization
The connector utilizes a **lead-frame technology**. Unlike traditional pin-and-socket connectors, the internal copper paths are stamped and shaped to minimize impedance discontinuities. This is critical for maintaining signal clarity at frequencies required for 56G PAM4 signaling.
#### 2. EMI Shielding
The "R2" designation often refers to a specific revision or layout that includes enhanced grounding shields.
* **Integrated Ground Planes:** Each differential pair is surrounded by dedicated ground shields.
* **Crosstalk Reduction:** The physical arrangement significantly reduces "Near-End Crosstalk" (NEXT) and "Far-End Crosstalk" (FEXT).
#### 3. Press-Fit Termination
The electronic connection to the PCB is made via **eye-of-the-needle** compliant pins.
* **Benefit:** Eliminates the need for soldering, which reduces thermal stress on the PCB.
* **Reliability:** Provides a gas-tight connection that is resistant to vibration.
#### 4. Beam Design
The receptacle contains a dual-beam contact interface. This provides two points of contact for every signal pin, ensuring electrical continuity even under mechanical stress or thermal expansion.
---
### Common Applications
Due to its high density and high-speed rating, the M2AS1-6441-R2 is found in:
* **Edge Routers:** High-capacity data routing.
* **Storage Arrays:** High-speed NVMe over Fabric (NVMe-oF) connections.
* **Supercomputing:** Interconnects for high-performance computing (HPC) clusters.
---
- ⤷
What is the exact pinout diagram for the 4-pair 6-column configuration?
- ⤷ Can this connector be used in 112G implementations?
- ⤷ What are the specific PCB footprint requirements for the R2 revision?