công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AS1-6441-R

  • AI
    The part number **M2AS1-6441-R** typically refers to a specialized automotive electronic component, most commonly associated with **blower motor resistors** or **HVAC control modules** used in vehicles (often found in brands like Renault, Nissan, or PSA Group). --- ## 🟢 Component Overview This part is a critical component of the vehicle's Climate Control (HVAC) system. It manages the electrical current sent to the blower motor to regulate fan speed. ### Technical Specifications | Feature | Details | | :--- | :--- | | **Component Type** | Blower Motor Resistor / Speed Controller | | **Input Voltage** | 12V DC (Standard Automotive) | | **Connection** | Multi-pin connector (varies by specific harness) | | **Material** | High-temperature plastic housing with aluminum/metal heat sink | | **Cooling** | Passive (integrated heat sink fins) | --- ## 🛠️ Electronic Functionality The "R" at the end of the suffix often denotes a specific revision or RoHS compliance. Here is how the electronic circuitry functions: ### 1. Pulse Width Modulation (PWM) Unlike old-fashioned resistors that waste energy as heat to slow the fan, modern modules like the 6441-R series often use a **MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor)**. It switches the power on and off thousands of times per second to control fan speed efficiently. ### 2. Thermal Protection The module contains a **Thermal Fuse**. If the blower motor draws too much current (due to a blockage or wear) and the module overheats, the fuse blows to prevent a vehicle fire. ### 3. Signal Processing It receives a low-voltage control signal from the dashboard HVAC head unit and translates that into a high-current output for the motor. --- ## ⚠️ Common Failure Symptoms Because these parts handle high current and generate heat, they are prone to specific electronic failures: * **Fan only works on high speed:** The internal resistance stages or the MOSFET have shorted. * **No air at all:** The thermal fuse or the main transistor has failed (open circuit). * **Fan stays on when car is off:** The MOSFET has failed in a "closed" state, allowing battery power to flow directly to the motor. --- ## 🔍 Internal Circuit Components If you were to open the module, you would typically find: 1. **MOSFET:** The heavy-duty switch mounted directly to the aluminum heat sink. 2. **Capacitors:** To smooth out voltage spikes from the vehicle's alternator. 3. **Epoxy Resin:** Most units are "potted" in resin to protect the electronics from moisture and vibration.
    ✨ Follow-up Questions
    • ⤷ How do I test the MOSFET in this module using a multimeter?
    • ⤷ What are the compatibility differences between the 6441-R and other 6441 variants?
    • ⤷ Can the thermal fuse in this component be replaced individually?