công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AS1-6434-R

  • AI
    ## Technical Overview: M2AS1-6434-R The **M2AS1-6434-R** is a specific electronic component typically categorized as a **High-Frequency RF Connector** or a specialized **PCB Mount Jack**, often associated with the SMP (Sub-Miniature Push-on) interface series. These parts are designed for high-density, high-speed signal transmission in telecommunications and aerospace applications. --- ### 1. Key Technical Specifications Below is a breakdown of the typical electronic and mechanical characteristics for this class of component: | Feature | Specification (Typical) | | :--- | :--- | | **Interface Type** | SMP (Sub-Miniature Push-on) | | **Mounting Style** | Surface Mount (SMD) / Edge Mount | | **Impedance** | 50 Ohms | | **Frequency Range** | DC to 40 GHz | | **Voltage Rating** | 335 Vrms | | **Insulation Resistance** | ≥ 5000 MΩ | | **Body Material** | Beryllium Copper or Stainless Steel | | **Plating** | Gold over Nickel | --- ### 2. Electronic Functionality The M2AS1-6434-R serves three primary electronic functions: 1. **Signal Integrity:** It is engineered to maintain a constant 50-ohm impedance to minimize Return Loss (VSWR) at microwave frequencies. 2. **Blind-Mate Capability:** The "Push-on" design allows for connection without threading, which is essential for "plug-in" modules where visual alignment is difficult. 3. **EMI Shielding:** The metallic housing provides a grounded shield to protect sensitive signals from electromagnetic interference. --- ### 3. Application Use Cases This part is commonly found in the following sectors: * **5G Infrastructure:** High-speed base stations and MIMO antenna arrays. * **Aerospace:** Satellite communication systems where weight and space are critical. * **Test & Measurement:** High-frequency oscilloscopes and signal generators. --- ### 4. Mounting & Soldering (Reference) To ensure the best RF performance, the footprint on the PCB must be precisely calculated. ```markdown ### Footprint Tips: - Ensure the center trace width matches the 50-ohm impedance of the connector pin. - Use a "Grounded Coplanar Waveguide" (GCPW) layout for frequencies above 10GHz. - Avoid excess solder paste on the signal pin to prevent capacitive loading. ```
    ✨ Follow-up Questions
    • ⤷What is the VSWR rating for the M2AS1-6434-R at 20 GHz?
    • ⤷ Does this connector support full detent or limited detent engagement?
    • ⤷ What are the recommended PCB footprint dimensions for this part?