AI

The **M2AS1-6433-R2/Q** is a specialized electronic component, typically categorized as a high-density, high-frequency board-to-board connector or a specific mezzanine-style interconnect. These parts are commonly used in telecommunications, server architecture, and industrial computing.
---
### 1. Component Specification Overview
Below is a breakdown of the typical technical attributes associated with this series of connectors.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Mezzanine Connector / Board-to-Board |
| **Pin Configuration** | High-density multi-pin (often 64 to 400+ positions) |
| **Data Rate Support** | High-speed differential signaling (up to 10-28 Gbps) |
| **Mounting Type** | Surface Mount Technology (SMT) / BGA |
| **Contact Material** | Copper Alloy with Gold Plating |
| **Housing Material** | High-temperature LCP (Liquid Crystal Polymer) |
---
### 2. Key Technical Characteristics
* **High Signal Integrity:** Designed to minimize crosstalk and impedance mismatch, making it suitable for PCIe Gen 3/4 or Ethernet backplanes.
* **Mechanical Reliability:** The "R2" and "Q" suffixes often denote specific revisions or qualification standards (such as automotive or industrial grade) that ensure the connector can withstand vibration and thermal cycling.
* **Pitch and Alignment:** These connectors feature ultra-fine pitches (often 0.5mm to 1.0mm) and usually include alignment pegs or "bosses" to ensure precise placement on the PCB during the reflow soldering process.
---
### 3. Functional Applications
These parts are integral to modular electronic design where one PCB (a "daughter card") must be stacked onto another (a "carrier board").
1. **Server Blades:** Connecting CPU modules to I/O expansion boards.
2. **Network Switches:** Linking high-speed switching fabrics to line cards.
3. **Medical Imaging:** Transferring large volumes of raw data from sensors to processing units.
4. **Embedded Computing:** Used in COMs (Computer-on-Modules) like COM Express or SMARC.
---
### 4. Part Number Breakdown (General Logic)
While specific to the manufacturer (often associated with brands like Samtec, Amphenol, or Hirose styles), the nomenclature usually follows this logic:
* **M2AS:** Series designation (Mezzanine, 2mm, or specific family).
* **6433:** Often refers to the pin count or the specific height/stacking distance.
* **R2:** Revision level or RoHS compliance status.
* **Q:** Qualification code (e.g., Automotive Grade or Tape & Reel packaging).
- ⤷
What is the exact stack height for the M2AS1 series?
- ⤷ Is there a specific pinout diagram available for this model?
- ⤷ What are the recommended reflow soldering profiles for this connector?