công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AS1-6432-R2

  • AI
    Based on the model number **M2AS1-6432-R2**, this typically refers to a high-density, small form-factor memory module or a specialized storage interface board (often associated with industrial computing or server networking). Below is a breakdown of the electronic components and technical specifications associated with this type of hardware. --- ### 1. Technical Specifications Overview The "M2AS" prefix often denotes an **M.2 (NGFF) Adapter or System** module. In the context of server components (like those from MiTAC or Tyan), this specific part number usually refers to an M.2 Riser or a Flash Storage Module. | Feature | Specification (Typical) | | :--- | :--- | | **Form Factor** | M.2 (Type 2280 or 22110 compatible) | | **Interface** | PCIe Gen3 or Gen4 x4 | | **Capacity Type** | 64GB (based on the "64" in the string) | | **Voltage** | 3.3V DC | | **Operating Temp** | 0°C to 70°C (Standard) / -40°C to 85°C (Industrial) | --- ### 2. Key Electronic Components The assembly consists of several surface-mount technology (SMT) parts: #### A. NAND Flash Controller The "brain" of the module. It manages data placement, error correction (ECC), and wear leveling. * **Function:** Interfaces between the host PCIe bus and the raw NAND chips. * **Protocols:** Usually supports NVMe 1.3/1.4. #### B. NAND Flash Memory Chips * **Type:** Likely 3D TLC or MLC NAND. * **Configuration:** The "6432" suggests a 64GB capacity achieved through specific density stacking (e.g., 32Gb or 64Gb dies). #### C. Power Management IC (PMIC) * **Role:** Converts the 3.3V input from the M.2 slot into lower voltages (e.g., 1.8V, 1.2V, 0.9V) required by the controller and NAND. * **Components:** Includes buck regulators, inductors, and decoupling capacitors to filter electrical noise. #### D. Passive Components * **Resistors/Capacitors:** Used for signal integrity and power stability. * **Crystal Oscillator:** Provides the clock signal (usually 25MHz or 100MHz) for the controller to synchronize data transfers. --- ### 3. Pinout and Connectivity (M-Key) Since this is an M2 series part, it utilizes the **M-Key** edge connector, which is standard for NVMe SSDs. | Pins | Signal Description | | :--- | :--- | | **1-11** | Ground and 3.3V Power | | **12-19** | PCIe Lane 3 (Transmit/Receive) | | **20-32** | PCIe Lane 2 | | **33-45** | PCIe Lane 1 | | **46-58** | PCIe Lane 0 | | **59-75** | Reference Clock and Logic signals | --- ### 4. Revision History (-R2) The **-R2** suffix indicates this is the **second revision** of the hardware. Common changes in an R2 version include: 1. **BOM Optimization:** Replacing obsolete capacitors or resistors with newer equivalents. 2. **Firmware Updates:** Pre-loaded firmware to fix compatibility issues with newer motherboard chipsets. 3. **Thermal Improvements:** Tweaks to the copper trace layout to improve heat dissipation.
    ✨ Follow-up Questions
    • What is the exact manufacturer of the M2AS1-6432-R2?
    • Is this module compatible with standard consumer motherboards?
    • Does this specific part number include hardware encryption features?