M2AS1-6431-R
AI

The **M2AS1-6431-R** is a specific electronic component, typically categorized as a **D-Subminiature Connector**. It is designed for high-reliability applications, often meeting military or industrial standards for connectivity.
---
### 1. Technical Specifications
The following table outlines the primary electronic and physical characteristics of the M2AS1-6431-R:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | D-Subminiature Connector |
| **Number of Contacts** | Usually 31 or 37 (Standard Density) |
| **Gender** | Receptacle (Socket) |
| **Mounting Type** | Through-hole / Right-Angle PCB Mount |
| **Contact Material** | Copper Alloy (often Gold Plated) |
| **Shell Material** | Steel or Aluminum with specialized plating |
| **Current Rating** | 5A per contact (approx.) |
| **Voltage Rating** | 250V - 500V AC/DC |
---
### 2. Key Electronic Features
* **EMI/RFI Shielding:** The metal shell provides a ground path, reducing electromagnetic interference and radio frequency interference in sensitive circuits.
* **Low Contact Resistance:** Utilizing gold plating on the contact points ensures minimal signal loss and prevents oxidation over time.
* **Mechanical Durability:** Designed for a high number of mating cycles (insertion and extraction), maintaining electrical continuity without degradation.
* **Right-Angle Orientation:** The "R" in the suffix often denotes a right-angle configuration, allowing the connector to be mounted on a PCB while the interface faces the edge of the enclosure.
---
### 3. Typical Applications
Due to its robust construction, this part is commonly found in:
1. **Industrial Automation:** PLCs and control panels where vibrations are present.
2. **Telecommunications:** Network routing hardware.
3. **Aerospace/Defense:** Ground support equipment and communication modules.
4. **Medical Equipment:** Diagnostic tools requiring secure, multi-pin data transmission.
---
### 4. Cross-Reference and Compliance
* **RoHS Status:** The "-R" suffix usually indicates **RoHS Compliance** (Lead-Free), meaning it meets environmental safety standards regarding hazardous substances.
* **Standard Compatibility:** It is designed to interface with any standard D-Sub plug of the same shell size and pin density.
- ⤷
What is the specific pin layout and pitch for the M2AS1-6431-R?
- ⤷ Are there waterproof (IP-rated) variants of this D-Sub connector?
- ⤷ What is the recommended soldering temperature for mounting this part on a PCB?