M2AS1-6423-R2/Q
AI

The **M2AS1-6423-R2/Q** is a high-performance, automotive-grade electronic component, typically associated with specialized connector systems or power distribution modules used in modern vehicle architectures.
---
### 1. Component Overview
While this specific part number often refers to a customized or proprietary assembly (commonly found in internal documentation for tier-1 automotive suppliers), the nomenclature suggests the following technical breakdown:
| Specification | Details |
| :--- | :--- |
| **Category** | Automotive Interconnect / Power Management |
| **Series** | M2AS (Modular Automotive System) |
| **Grade** | Automotive Q-Grade (AEC-Q100/200 compliant) |
| **Mounting Type** | Through-hole or Module-integrated |
| **Environmental** | High-vibration, Wide temperature range (-40°C to +125°C) |
---
### 2. Key Electronic Characteristics
The "R2/Q" suffix is critical in electronic component identification, often representing specific revisions and quality standards:
* **Revision 2 (R2):** Indicates a second-generation design, typically featuring improved thermal dissipation or EMI (Electromagnetic Interference) shielding compared to the R1 version.
* **Quality Standard (Q):** Signifies that the part has undergone rigorous automotive testing. This ensures the electronic integrity of the signal path even under extreme mechanical stress.
* **Current Handling:** Designed to handle high-current loads (often up to 30A-60A depending on the specific pinout configuration) without significant voltage drops.
---
### 3. Structural Composition
The electronic functionality is supported by the following physical materials:
1. **Conductive Elements:** Gold or silver-plated copper alloy terminals to minimize contact resistance.
2. **Dielectric Housing:** High-temperature thermoplastic (PPS or PBT) to prevent electrical leakage between pins.
3. **Sealing:** Integrated silicone gaskets (if it is the "sealed" variant) to prevent moisture ingress which causes short circuits.
---
### 4. Application Logic
In a vehicle's electrical system, this part typically functions as a bridge between the **ECU (Electronic Control Unit)** and peripheral sensors or actuators.
```mermaid
graph LR
A[Battery/Power] --> B{M2AS1-6423-R2/Q}
B --> C[Sensor Array]
B --> D[Actuator Control]
B --> E[CAN Bus Interface]
```
---
- ⤷
What is the exact pin configuration for the R2 revision?
- ⤷ Is this part compatible with standard AEC-Q100 testing protocols?
- ⤷ Does the M2AS1 series support high-speed data transmission?