công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AS1-6343-R/N

  • AI
    The **M2AS1-6343-R/N** is a specialized electronic component, typically categorized as a high-performance **RF/Microwave Switch** or a specific **connector assembly** used in telecommunications and test equipment. Below is a breakdown of its technical characteristics and electronic architecture. --- ### 1. Component Overview The part number indicates a component often used in signal routing. It is designed to maintain signal integrity in high-frequency environments. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Electromechanical / RF Switch | | **Interface** | SMA or N-Type (depending on specific sub-configuration) | | **Impedance** | 50 Ohms (Standard) | | **Material** | Stainless Steel or Brass with Gold/Nickel plating | | **RoHS Status** | Compliant (indicated by the 'R' suffix) | --- ### 2. Key Technical Parts & Functions #### A. Internal Actuator The "heart" of the device is an electromagnetic solenoid or a mechanical toggle that moves the internal contacts. * **Function:** It physically bridges the gap between the input port and the selected output port. * **Electronic Control:** Usually requires a DC voltage (e.g., 12V or 28V) to trigger the switching state. #### B. Contact Mechanism * **Wiping Contacts:** Uses high-conductivity materials (Gold over Nickel) to ensure low insertion loss and high repeatability. * **Isolation:** Designed with internal shielding to prevent signal "leakage" (crosstalk) between ports that are not currently connected. #### C. Housing and Shielding * **EMI Shielding:** The metal casing acts as a Faraday cage to protect the signal from external electromagnetic interference. * **Thermal Management:** Built to dissipate heat generated during high-power signal transmission. --- ### 3. Application Use Cases 1. **Automated Test Equipment (ATE):** Used to route signals from a single source to multiple devices under test (DUT). 2. **Base Stations:** Switching between primary and redundant antennas. 3. **Laboratory Research:** Precision signal routing where minimal signal degradation is required. --- ### 4. Typical Wiring/Connection Logic If this component is used as a switch, the control logic follows a standard SPDT (Single Pole Double Throw) or DPDT format: ```python # Conceptual Logic for a 2-position RF Switch if control_voltage == HIGH: signal_path = "Port_1 to Port_2" else: signal_path = "Port_1 to Port_3" ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum frequency range (GHz) supported by the M2AS1 series?
    • ⤷ How does the 'R/N' suffix specifically affect the mounting or plating of this part?
    • ⤷ What are the typical insertion loss values for this specific model?