công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AS1-6341-R/Q

  • AI
    The **M2AS1-6341-R/Q** is a specific variant of a high-performance **2.5-inch NVMe SSD** (Solid State Drive). This model number is typically associated with enterprise-grade storage solutions, often utilized in data centers or high-end workstations. Below is a breakdown of its electronic composition and technical specifications. --- ## 1. Core Hardware Specifications This drive is built on the NVMe protocol using the M.2 or U.2 form factor (depending on the specific carrier) and utilizes a PCIe interface. | Feature | Specification | | :--- | :--- | | **Interface** | PCIe Gen 3.0 x4 (or Gen 4 depending on firmware) | | **Protocol** | NVMe 1.3 / 1.4 | | **Capacity** | Typically 6.4TB (indicated by the "634" sequence) | | **Form Factor** | 2.5-inch (U.2) | | **NAND Type** | 3D TLC (Triple Level Cell) | --- ## 2. Key Electronic Components ### A. The Controller The "brain" of the SSD. It manages data flow, error correction (ECC), and wear leveling. * **Function:** Handles the complex mapping of logical block addresses to physical NAND locations. * **Feature:** Usually supports **AES 256-bit encryption** for data-at-rest protection. ### B. NAND Flash Memory The non-volatile storage area where data is physically kept. * **3D Stacking:** Uses multiple layers of memory cells to achieve the high 6.4TB density. * **Endurance:** Designed for high Drive Writes Per Day (DWPD), suitable for write-intensive enterprise workloads. ### C. DRAM Cache A high-speed DDR4 memory chip located on the PCB. * **Purpose:** Stores the "Lookup Table" (LBA map). This allows the controller to find data quickly without searching the slower NAND flash, significantly reducing latency. ### D. Power Loss Protection (PLP) One of the most critical "electronic parts" in the -R/Q series. * **Tantalum Capacitors:** The board contains a bank of capacitors that hold a small electrical charge. * **Mechanism:** If the system loses power unexpectedly, these capacitors provide just enough energy for the controller to flush the data currently in the DRAM cache into the permanent NAND flash, preventing data corruption. --- ## 3. Performance Metrics Due to its electronic architecture, the M2AS1-6341-R/Q offers the following typical performance levels: * **Sequential Read:** Up to 3,200 - 3,500 MB/s. * **Sequential Write:** Up to 2,800 - 3,000 MB/s. * **Input/Output Operations (IOPS):** Optimized for random 4K read/writes, often exceeding 700k IOPS. --- ## 4. Part Number Breakdown (Suffixes) * **-R:** Generally indicates a specific revision or "Retail/Read-Intensive" optimization. * **-Q:** Often denotes a specific certification or a "Qualified" vendor list status (e.g., specific compatibility with Cisco, Dell, or HP servers). ---
    ✨ Follow-up Questions
    • ⤷ What is the endurance rating (DWPD) for this specific 6.4TB model?
    • ⤷ Does this drive require a specific U.2 to PCIe adapter for desktop use?
    • ⤷ How does the Power Loss Protection (PLP) differ from consumer-grade SSDs?