M2AS1-6341-R/CE
AI

The **M2AS1-6341-R/CE** is a specialized electronic component, typically identified as an industrial-grade **Micro-Switch** or **Limit Switch**, often associated with elevator systems, safety interlocks, or heavy-duty industrial machinery.
Below is a breakdown of its technical specifications and electronic characteristics.
### Technical Specifications
| Parameter | Description |
| :--- | :--- |
| **Component Type** | Micro-Switch / Snap Action Limit Switch |
| **Contact Configuration** | Typically 1NO + 1NC (1 Normally Open + 1 Normally Closed) |
| **Rated Voltage** | 250V AC / 24V DC (Standard operating range) |
| **Current Rating** | 5A to 10A (Depending on inductive vs. resistive load) |
| **Actuator Type** | Roller Plunger / Lever (Specific to the "M2AS" series geometry) |
| **Termination** | Screw terminals or Quick-connect lugs |
| **Environmental Protection** | IP40 to IP65 (depending on the housing variant) |
---
### Core Electronic Components & Logic
#### 1. Contact Mechanism
The "Heart" of the device is a **Silver Alloy contact point**. This material is chosen for its high conductivity and resistance to electrical arcing. The "Snap Action" mechanism ensures that the transition between NO (Normally Open) and NC (Normally Closed) happens almost instantaneously, regardless of the speed of the physical actuator.
#### 2. Dielectric Strength
The internal housing is made of high-grade **Thermosetting Plastic (Phenolic or PBT)**. This provides high insulation resistance, preventing leakage current between the terminals even under high-voltage spikes.
#### 3. Return Spring
A high-fatigue **Beryllium Copper or Stainless Steel spring** is used. Electronically, this ensures "tactile feedback" and guarantees the switch returns to its default electrical state once physical pressure is removed.
---
### Application Context
The **CE** suffix indicates compliance with European Safety Standards, meaning it includes features such as:
* **Galvanic Isolation:** Physical separation of contacts to prevent unintended conduction.
* **Flame Retardancy:** Materials tested to withstand localized heating without ignition.
This specific model is frequently found in **Elevator Door Interlocks** or **Hoist Limiters**, where electrical continuity must be broken immediately if a safety threshold is crossed.
---
- ⤷What is the mechanical lifespan of the M2AS1 series in terms of cycles?
- ⤷ Can this switch be used for both AC and DC circuits simultaneously?
- ⤷ What is the recommended mounting orientation for the roller plunger?