công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AS1-6321-R2

  • AI
    The **M2AS1-6321-R2** is a specific electronic sub-assembly, typically identified as a **Power Supply Unit (PSU)** or a **Voltage Regulator Module (VRM)** used in industrial equipment, telecommunications, or server systems (often associated with brands like Delta or specialized network hardware). Below is a breakdown of its electronic composition and technical specifications. --- ### 1. Technical Specifications Overview This module is designed to convert and stabilize power for high-demand integrated circuits. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | DC-DC Step-Down Converter / Power Module | | **Input Voltage** | Typically 12V DC (Standard Bus Voltage) | | **Output Voltage** | Low voltage (e.g., 0.8V to 3.3V) for ICs/CPUs | | **Mounting Type** | Surface Mount (SMD) or Plug-in Card | | **Cooling** | Passive (Heat sink required) or Forced Air | --- ### 2. Key Electronic Parts & Anatomy The module consists of several critical layers of electronic components: #### A. Power Management IC (PMIC) The "brain" of the module. It controls the switching frequency and monitors the output voltage to ensure stability under varying loads. #### B. MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors) * **Function:** Acts as high-speed switches. * **Role:** They turn the input power on and off thousands of times per second to create the desired average output voltage. #### C. Power Inductors * **Function:** Energy storage. * **Role:** These are large, often square-shaped metal components that smooth out the current ripples created by the switching MOSFETs. #### D. Multi-Layer Ceramic Capacitors (MLCCs) * **Function:** Filtering and Decoupling. * **Role:** Used at both the input and output stages to suppress electronic noise and provide instantaneous current to the load. #### E. Shunt Resistors * **Function:** Current Sensing. * **Role:** Small, high-precision resistors used to measure the amount of current flowing through the circuit to prevent over-current damage. --- ### 3. Functional Block Diagram The internal logic of the M2AS1 series follows this standard power flow: ```mermaid graph LR A[Input 12V] --> B[Input Filter] B --> C[Switching MOSFETs] C --> D[Power Inductor] D --> E[Output Filter/Capacitors] E --> F[Stable DC Output] G[Control Logic/PWM] -.-> C ``` --- ### 4. Common Applications * **Network Switches/Routers:** Providing stable power to high-end ASICs. * **Server Motherboards:** Serving as a point-of-load (POL) converter. * **Industrial Automation:** Powering PLC logic gates or communication modules.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the M2AS1-6321-R2?
    • ⤷ Is this module compatible with standard ATX power supplies?
    • ⤷ What are the common failure modes for this type of power module?