công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AS1-6314-R2

  • AI
    The **M2AS1-6314-R2** is a specific electronic component typically identified as a **Network Transformer** or **LAN Magnetics Module**. These parts are critical in Ethernet communication interfaces for isolation and signal conditioning. ### 1. General Specifications The part belongs to the category of Ethernet Magnetics, designed to work between the Physical Layer (PHY) chip and the RJ45 connector. | Feature | Description | | :--- | :--- | | **Component Type** | Discrete LAN Magnetics Module | | **Ports** | Usually Single Port (1x1) | | **Ethernet Speed** | 10/100/1000 Base-T (Gigabit Ethernet) | | **Configuration** | Surface Mount Device (SMD) | | **RoHS Status** | Compliant (indicated by the 'R' suffix in many series) | --- ### 2. Key Internal Components An Ethernet magnetic module like the M2AS1-6314-R2 contains several integrated sub-components within its housing: * **Isolation Transformers:** Provides 1500Vrms isolation to protect the sensitive PHY chip from external surges and static on the network cable. * **Common Mode Chokes (CMC):** Filters out electromagnetic interference (EMI) and noise to ensure signal integrity. * **Center Taps:** Used for impedance matching and to provide a path for DC current in Power over Ethernet (PoE) applications (if supported). --- ### 3. Electrical Characteristics While specific datasheets vary by manufacturer (often associated with brands like UDE or similar OEM suppliers), the "6314" series typically follows these parameters: | Parameter | Typical Value | | :--- | :--- | | **Turns Ratio** | 1CT:1CT (Transmitter & Receiver) | | **Insertion Loss** | -1.1 dB Max (1-100MHz) | | **Return Loss** | -18 dB Min (1-30MHz) | | **Crosstalk** | -35 dB Min (1-100MHz) | | **Hipot Isolation** | 1500 Vrms | --- ### 4. Application Use Cases The M2AS1-6314-R2 is found in hardware that requires wired internet connectivity: 1. **Network Switches/Routers:** To handle the physical layer of data transmission. 2. **Industrial PCs:** Providing robust galvanic isolation in harsh environments. 3. **Embedded Systems:** On-board Ethernet for IoT gateways or controllers. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M2AS1-6314-R2?
    • ⤷ Is this specific model compatible with Power over Ethernet (PoE)?
    • ⤷ Which manufacturers are the primary suppliers for this part number?