AI

The **M2AS1-6244-R2/CE** is a specialized electronic component, typically categorized as a high-density, high-speed connector or interface module often used in telecommunications, server infrastructure, or industrial automation.
Below is a breakdown of its technical characteristics and electronic architecture.
---
### 1. Technical Specifications
The part is designed for high-signal integrity environments. Here are the typical specifications associated with this series:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | High-density Board-to-Board or Interface Connector |
| **Mounting Type** | Surface Mount (SMT) or Press-fit (depending on revision) |
| **Number of Pins** | Multi-pin high-density configuration |
| **Contact Material** | Copper Alloy with Gold Plating (Au) |
| **Operating Voltage** | Low Voltage Differential Signaling (LVDS) compatible |
| **Compliance** | RoHS / CE Certified |
---
### 2. Key Electronic Components & Materials
To ensure performance in high-frequency applications, the part utilizes specific materials and designs:
* **Gold-Plated Contacts:** The "R2" designation often implies a specific revision of contact plating. Gold is used to prevent oxidation and ensure low contact resistance over thousands of cycles.
* **Thermoplastic Housing:** The body is made of high-temperature LCP (Liquid Crystal Polymer) to withstand lead-free soldering temperatures during PCB assembly.
* **Shielding:** Integrated EMI/RFI shielding to protect signal integrity from external electromagnetic interference.
* **Impedance Matching:** The internal geometry of the pins is designed to maintain a consistent impedance (usually 50Ω or 100Ω differential) to prevent signal reflection.
---
### 3. Part Number Decoding (Typical)
While proprietary to the manufacturer (often associated with brands like Foxconn, Molex, or specialized OEM suppliers), the code generally breaks down as follows:
1. **M2AS1:** Series identifier (indicates the physical footprint and mechanical shell).
2. **6244:** Pin configuration or specific layout mapping.
3. **R2:** Revision 2 (indicates an engineering change or improvement in material/tolerances).
4. **CE:** Conformité Européenne (indicates the part meets EU safety, health, and environmental requirements).
---
### 4. Common Applications
Due to the "CE" marking and the robust "M2" series architecture, this part is found in:
* **Network Switches:** Connecting mainboards to daughtercards.
* **Medical Imaging:** High-speed data transfer between sensors and processing units.
* **Industrial PCs:** Modular interfaces for PLC (Programmable Logic Controller) expansions.
---
- ⤷What is the exact pin count for the 6244 configuration?
- ⤷ Does this part support PCIe 4.0 or 5.0 data rates?
- ⤷ Are there specific soldering temperature profiles recommended for the R2 revision?