công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AS1-6232-R2/Q

  • AI
    The **M2AS1-6232-R2/Q** is a high-performance, specialized network interface component, typically associated with **NVIDIA (Mellanox) ConnectX-6** series adapter cards. This specific part number refers to an **Omit-ASIC** or specialized daughterboard configuration used in high-density server environments. Below is a breakdown of its electronic components, technical specifications, and architectural role. --- ### 1. Core Technical Specifications The electronics of this module are designed to facilitate ultra-low latency and high-bandwidth data transfers (up to 200Gb/s). | Feature | Specification | | :--- | :--- | | **Controller Type** | ConnectX-6 (VPI/EN) | | **Max Data Rate** | 200 Gb/s (HDR InfiniBand or 200GbE) | | **Interface Type** | PCIe 4.0 x16 | | **Form Factor** | OCP 3.0 (SFF) or Custom Mezzanine | | **Port Configuration** | Dual-Port (QSFP56) | | **Power Consumption** | ~15W to 22W (dependent on load) | --- ### 2. Electronic Sub-Systems The board consists of several critical electronic layers that manage signal integrity and data processing: #### A. The ASIC (Application-Specific Integrated Circuit) The heart of the board is the **Mellanox ConnectX-6 IC**. - **Processing:** Handles hardware offloads for RDMA (Remote Direct Memory Access), RoCE, and NVMe-over-Fabrics. - **Thermal Management:** The chip is usually covered by a high-fin-density passive heatsink to dissipate heat generated during 200Gbps full-duplex operation. #### B. SerDes (Serializer/Deserializer) To achieve high speeds, the electronics utilize advanced SerDes lanes. - These convert parallel data from the server bus into high-speed serial signals for the optical or copper cables. - **Signal Conditioning:** Includes Re-timers or Redrivers to maintain signal integrity over the PCIe 4.0 traces. #### C. Power Management Integrated Circuits (PMIC) High-performance NICs require precise voltage regulation. - **DC-DC Converters:** Step down the 12V server rail to lower voltages (e.g., 0.8V, 1.1V, 1.8V, 3.3V) required by the ASIC and memory. - **Filtering:** Employs multi-layer ceramic capacitors (MLCCs) to reduce high-frequency noise. #### D. Physical Layer (PHY) & Connectors - **QSFP56 Cages:** The mechanical housing for the transceivers. These include EMI springs to prevent electromagnetic interference. - **EEPROM/Flash:** A small non-volatile memory chip stores the firmware and Vital Product Data (VPD). --- ### 3. Key Electronic Features 1. **Hardware Offload Engines:** The electronics are hard-wired to perform "Zero-Copy" data transfers, bypassing the CPU to reduce latency to sub-microsecond levels. 2. **Virtualization Support:** Includes SR-IOV (Single Root I/O Virtualization) support in the hardware, allowing up to 1,000+ virtual functions. 3. **Security (The "/Q" Suffix):** Often indicates specific qualification or security features, such as **Secure Boot**, which uses hardware-based "Root of Trust" to verify firmware signatures before execution. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific cooling requirements for the M2AS1-6232-R2/Q in a server chassis?
    • ⤷ How does PCIe 4.0 x16 bandwidth compare to the 200Gb/s throughput of this card?
    • ⤷ What type of transceivers are compatible with the QSFP56 ports on this module?