công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AS1-6232-R/Q

  • AI
    The **M2AS1-6232-R/Q** refers to a high-performance **Step-Servo Motor** (Integrated Motor) manufactured by **MOONS' Electric**. This specific part number represents an integrated system that combines a stepper motor, a high-resolution encoder, and a digital drive into a single package. --- ### 1. Technical Specifications Breakdown The part number typically follows a modular nomenclature. Here is a breakdown of the key electronic and physical characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Motor Type** | Step-Servo (Closed Loop) | Combines stepper torque with servo control. | | **Frame Size** | NEMA 23 (60mm) | The standard mounting interface size. | | **Stack Length** | 2-Stack (62mm) | High torque output version. | | **Input Voltage** | 24 - 70 VDC | Wide range DC power input. | | **Communication** | RS-485 / Modbus RTU | The "R/Q" suffix indicates serial control capabilities. | | **Encoder** | 20,000 counts/rev | High-resolution feedback for closed-loop positioning. | --- ### 2. Key Electronic Components The "Integrated" nature of the M2AS1 series means the electronics are built directly onto the rear of the motor: * **Integrated Driver:** Uses Space Vector Modulation (SVM) technology to provide smooth motion, low noise, and minimal heating compared to traditional open-loop steppers. * **Closed-Loop Controller:** The "AS" (Advanced Servo) designation signifies that the motor uses the encoder feedback to eliminate "stalling" or lost steps. If a position deviation occurs, the electronics automatically correct it. * **I/O Interface:** * **Digital Inputs:** Usually 3 programmable inputs (5-24V) for Limit switches, Home sensors, or Jogging. * **Digital Outputs:** 1 or 2 programmable outputs for Fault signals or Brake control. * **RS-485 Interface (Q-Drive):** Allows for "Stream Command" or "Point-and-Click" programming. It supports up to 32 axes on a single daisy-chain network. --- ### 3. Comparison: Open Loop vs. M2AS1 | Feature | Standard Stepper | M2AS1-6232-R/Q | | :--- | :--- | :--- | | **Step Loss** | Possible under high load | Impossible (Closed-loop correction) | | **Heat Generation** | Constant (High) | Variable (Uses only needed current) | | **Wiring** | Complex (Motor to Drive) | Simple (Power and Comm only) | | **Accuracy** | Mechanical limited | Encoder-based (± 1 count) | --- ### 4. Application Use Cases Due to its integrated design, this part is commonly used in: 1. **Medical Devices:** Where silent operation and precise positioning are critical. 2. **Lab Automation:** High-density machines where space for separate motor drives is unavailable. 3. **Electronic Assembly:** Pick-and-place machines requiring high-speed point-to-point moves without losing steps.
    ✨ Follow-up Questions
    • ⤷What is the difference between the R and Q suffixes in MOONS' motor models?
    • ⤷ How do I configure the RS-485 communication parameters for this motor?
    • ⤷ What power supply amperage is recommended for a NEMA 23 2-stack integrated motor?