M2AS1-6221-R2/Q
AI

Based on the technical designation, the **M2AS1-6221-R2/Q** is a high-performance **Oscillator/Clock Generator** typically used in networking, telecommunications, and high-speed data processing applications.
Below is a breakdown of its electronic characteristics and specifications.
---
## 1. Core Technical Specifications
The component is designed for precision frequency control. The following table summarizes its typical electrical parameters:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) / Clock Generator |
| **Output Frequency** | Usually fixed (varies by sub-type, e.g., 100MHz or 156.25MHz) |
| **Operating Voltage** | 2.5V to 3.3V DC |
| **Output Logic** | LVPECL or LVDS (Low-Voltage Differential Signaling) |
| **Stability** | ±25ppm to ±50ppm |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Package Size** | 7.0 x 5.0 mm or 5.0 x 3.2 mm SMD |
---
## 2. Key Features and Design
### A. Differential Signaling
The "Q" in the suffix often denotes a **Differential Output**. This is critical for high-speed electronics because:
- It reduces Electromagnetic Interference (EMI).
- It provides high immunity to common-mode noise.
- It ensures signal integrity over longer PCB trace lengths.
### B. Phase Jitter Performance
This series is engineered for **ultra-low phase jitter** (typically <1ps RMS). This makes it suitable for:
- 10GbE / 40GbE / 100GbE Ethernet switches.
- Fibre Channel.
- PCI Express (PCIe) clocking.
### C. Mechanical and Reliability (R2)
The "R2" designation often refers to a specific revision or packaging standard (such as Tape & Reel) designed for automated SMT (Surface Mount Technology) assembly lines.
---
## 3. Pin Configuration (Typical)
| Pin Number | Function | Description |
| :---: | :--- | :--- |
| 1 | E/D or NC | Enable/Disable or No Connect |
| 2 | NC | No Connect |
| 3 | GND | Ground |
| 4 | Output | Main Clock Output |
| 5 | Output (Comp) | Complementary Clock Output |
| 6 | Vcc | Supply Voltage |
---
## 4. Application Areas
* **Networking:** Routers, Switches, and Base Stations.
* **Storage:** SAN (Storage Area Networks) and Host Bus Adapters.
* **Computing:** High-performance servers and FPGA clocking.
---
- ⤷
What is the exact frequency of the M2AS1-6221-R2/Q variant?
- ⤷ How does LVPECL logic differ from LVDS in this component?
- ⤷ Can this oscillator be used in automotive-grade environments?