M2AS1-6221-R/CE
AI

The **M2AS1-6221-R/CE** is a specialized electronic component, typically categorized as a **Micro-Switch** or **Snap Action Switch**. These components are widely used in industrial controls, automotive systems, and home appliances for position sensing or safety interlocking.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series of switches, here are the core electronic and physical attributes:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Switch Type** | Snap Action / Micro-Switch | High-speed transition regardless of actuation speed. |
| **Contact Form** | SPDT (Single Pole Double Throw) | Features one common (COM), one normally open (NO), and one normally closed (NC) terminal. |
| **Current Rating** | ~5A to 10A | Rated for standard power loads (varies by specific voltage). |
| **Voltage Rating** | 125V / 250V AC | Designed for mains power or high-voltage DC control circuits. |
| **Actuator Type** | Lever / Roller Lever | Usually features a mechanical arm to reduce the force required for activation. |
| **Termination** | Solder or Quick Connect | Standard metal tabs for wiring or PCB mounting. |
---
### 2. Internal Electronic Structure
The internal mechanism of the M2AS1-6221-R/CE consists of three primary parts:
1. **The Plunger:** The interface between the external mechanical force and the internal spring.
2. **The Spring Mechanism:** A "snap-action" leaf spring that ensures the contacts move rapidly. This prevents "arcing" (electrical sparks) which can damage the switch over time.
3. **Contacts:** Usually made of silver alloy to ensure high conductivity and resistance to oxidation.
### 3. Safety and Compliance
The suffix **"CE"** in the part number is a critical electronic designation:
* **CE Marking:** Indicates the part meets European Union safety, health, and environmental protection requirements.
* **RoHS Compliant:** The "R" often signifies compliance with the Restriction of Hazardous Substances (lead-free).
---
### 4. Common Applications
* **Limit Switching:** Detecting when a machine part has reached the end of its travel.
* **Safety Interlocks:** Ensuring a microwave door or industrial panel is closed before the circuit completes.
* **Control Panels:** Used as a durable tactile button for human-machine interfaces.
---
- ⤷What is the maximum mechanical lifespan of the M2AS1 series?
- ⤷ Can this switch be used in DC circuits
- ⤷ and what are the derating factors?
- ⤷ What are the specific dimensions for the mounting holes of this part?