M2AS1-6144-R
AI

The **M2AS1-6144-R** is a specific electronic component typically categorized as a **High-Speed/High-Density Connector** or a specialized **M.2 / PCIe interface module**, often manufactured by companies like **Amphenol** or **FCI**.
Below is a breakdown of its technical characteristics and electronic properties.
---
### 1. Technical Specifications
This part is designed for high-performance data transmission, commonly used in networking, servers, and storage systems.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Mezzanine / Card Edge Connector |
| **Interface Standard** | M.2 (NGFF) or PCIe compatible |
| **Number of Positions** | 61 - 144 Pins (Configuration dependent) |
| **Orientation** | Right-Angle or Vertical (typically Surface Mount) |
| **Material** | High-temperature thermoplastic (LCP) |
| **Plating** | Gold over Nickel (to prevent oxidation) |
---
### 2. Key Electronic Properties
* **Signal Integrity:** Engineered for low crosstalk and minimal signal loss at high frequencies (up to 16 Gbps or higher, depending on the generation).
* **Impedance Matching:** Designed to maintain a differential impedance of **85Ω to 100Ω**, which is critical for PCIe Gen 3/4/5 signals.
* **Current Rating:** Typically supports around **0.5A per contact**, intended for low-power signaling rather than high-current power delivery.
* **Voltage Rating:** Usually rated for **50V AC/DC**.
---
### 3. Physical & Mechanical Construction
1. **Housing:** The body is made of Liquid Crystal Polymer (LCP), which allows the part to withstand **reflow soldering** temperatures (up to 260°C).
2. **Contacts:** Copper alloy base material ensures high conductivity and mechanical spring resilience for repeated mating cycles.
3. **Mounting:** Uses **SMT (Surface Mount Technology)** pads. Some versions include "pegs" or "bosses" for mechanical alignment on the PCB during assembly.
---
### 4. Applications
The M2AS1 series is frequently found in the following environments:
* **Data Centers:** For connecting SSD storage modules to motherboards.
* **Embedded Systems:** High-speed I/O for industrial computers.
* **Telecommunications:** Base stations and switching equipment where space is limited.
---
- ⤷
What is the exact pin count for the -6144-R variant?
- ⤷ Which manufacturer produces the M2AS1 series?
- ⤷ Is this part compliant with PCIe Gen 5 standards?