công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AS1-6143-R2/

  • AI
    The **M2AS1-6143-R2** is a specialized electronic component, typically identified as a high-frequency, surface-mount **RF Balun Transformer**. These parts are essential in telecommunications and radio frequency (RF) design for signal conversion and impedance matching. --- ### 1. Technical Specifications While specific datasheets can vary by manufacturer (often associated with brands like *Mag.Layers* or *TDK* types), the general specifications for this series include: | Feature | Description | | :--- | :--- | | **Component Type** | RF Balun Transformer | | **Configuration** | 1:1 or 1:2 Impedance Ratio (Standard) | | **Frequency Range** | Typically 50 MHz to 1.2 GHz (Application dependent) | | **Mounting Type** | SMD (Surface Mount Device) | | **Impedance** | 50Ω / 75Ω unbalanced to balanced | | **Insertion Loss** | < 1.0 dB (Typical) | ### 2. Functional Role The "Balun" name is a portmanteau of **Bal**anced and **Un**balanced. Its primary roles in a circuit are: 1. **Phase Shifting:** Converting a single-ended signal (referenced to ground) into two differential signals 180 degrees out of phase. 2. **Impedance Matching:** Ensuring maximum power transfer between a source (like an RF chip) and a load (like an antenna). 3. **Common Mode Rejection:** Reducing noise by canceling out signals that appear equally on both differential lines. ### 3. Physical Construction The **M2AS1-6143-R2** utilizes a Multi-layer Ceramic (MLC) or ferrite core structure. * **Dimensions:** Usually follows a small footprint (e.g., 1.6mm x 0.8mm or 2.0mm x 1.25mm). * **Termination:** Lead-free (RoHS compliant) plating, suitable for reflow soldering. --- ### 4. Typical Applications These parts are commonly found in the following electronic systems: * **Cable Modems & Set-Top Boxes:** For DOCSIS 3.0/3.1 signal processing. * **WLAN/Bluetooth Modules:** Matching the RF front-end to the antenna. * **Differential Amplifiers:** Providing the required input signal phase. * **Digital TV Tuners:** Handling VHF/UHF frequency bands. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact impedance ratio for the R2 variant?
    • ⤷ Can this part be used in power-intensive RF transmitters?
    • ⤷ What are the common alternatives to the M2AS series for impedance matching?