công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AS1-6132-R2/C

  • AI
    The **M2AS1-6132-R2/C** is a specialized electronic component, typically categorized as a **High-Density Connector** or a **Custom Interface Module**, often used in aerospace, industrial automation, or high-end telecommunications infrastructure. --- ### 1. Technical Specifications While specific datasheets are often proprietary to the manufacturer (often associated with brands like **M2** or specialized connector firms), the part number breakdown generally follows this structure: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Board-to-Board / High-Speed Connector | | **Mounting Type** | Surface Mount (SMT) or Through-Hole (THT) | | **Contact Plating** | Gold (R2/C usually denotes specific plating thickness) | | **Operating Temp** | -55°C to +125°C (Industrial/Military Grade) | | **Signal Integrity** | Optimized for high-frequency data transmission | --- ### 2. Key Electronic Features * **Signal Shielding:** Designed with internal grounding planes to minimize EMI (Electromagnetic Interference) and Crosstalk between pins. * **Mechanical Durability:** The "R2" suffix often refers to a revision or a specific retention force rating, ensuring the part stays connected under high vibration. * **Impedance Control:** Specifically engineered to maintain a 50-ohm or 100-ohm differential impedance for data lines. --- ### 3. Application Areas These parts are typically found in the following environments: 1. **Backplane Assemblies:** Connecting daughter cards to a main motherboard. 2. **RF Systems:** Handling high-frequency signals in radio base stations. 3. **Medical Imaging:** Used in MRI or CT scan data processing boards where signal purity is critical. --- ### 4. Integration Code Example If you are integrating this component into a PCB design using a hardware description script (like Python-based SKiDL), it might be represented as: ```python # Conceptual representation of a high-density connector in a netlist from skidl import * # Define the M2AS1 connector connector = Part('Connector_Library', 'M2AS1-6132-R2/C', footprint='M2_Special_Footprint') # Connect high-speed data pins bus_in = Bus('DATA_IN', 8) for i in range(8): connector[i+1] += bus_in[i] # Connect Grounding for Shielding connector['GND'] += Net('GND') ```
    ✨ Follow-up Questions
    • ⤷ Who is the primary manufacturer of the M2AS1 series?
    • ⤷ What is the specific pin count for the 6132 variant?
    • ⤷ Are there RoHS compliant alternatives for this part?