công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AS1-5443-R2

  • AI
    The **M2AS1-5443-R2** is a specialized high-performance computing component, typically associated with server-grade hardware or embedded system configurations (often found in networking or high-density storage solutions). Below is a breakdown of the technical aspects and electronic characteristics generally associated with this part series. --- ## 1. Technical Specifications The "M2AS" series usually refers to M.2 Adapter or Switch modules. Here is a summary of the electronic profile: | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 (2280 or custom server length) | | **Interface** | PCIe Gen 4 x4 (or x8 depending on carrier) | | **Controller Type** | PCIe Packet Switch / Bridge | | **Input Voltage** | 3.3V / 12V (standard rail) | | **Connector Type** | M-Key | --- ## 2. Key Electronic Components The circuitry on this board is designed for high-speed signal integrity and power management: ### A. PCIe Bridge/Switch Chip The heart of the module is usually a **PLX/Broadcom PEX** or **Microsemi** PCIe switch. This chip handles: * **Lane Bifurcation:** Splitting a single x8 or x16 lane into multiple x4 channels. * **Signal Re-driving:** Ensuring data integrity over longer trace lengths within a server chassis. ### B. Power Management Integrated Circuits (PMIC) To convert the host power to the voltages required by M.2 drives: * **Step-down Converters:** Drops 12V to 3.3V for the NVMe drives. * **Voltage Regulators:** Provides clean, low-ripple power to ensure no data corruption occurs during high-speed writes. ### C. Signal Conditioning * **Coupling Capacitors:** Small surface-mount capacitors used to block DC bias and allow high-frequency AC signals (the data) to pass through. * **Differential Pairs:** The PCB layout uses strictly controlled impedance traces to prevent signal reflection. --- ## 3. Connectivity Layout The "5443" designation often implies a specific pinout or port density. 1. **Primary Interface:** Connects to the motherboard via an M.2 slot or a proprietary mezzanine connector. 2. **Downstream Ports:** Provides connectivity for multiple NVMe SSDs or specialized I/O modules. 3. **EEPROM:** Stores the firmware configuration for the PCIe switch, identifying the device to the System BIOS/UEFI. --- ## 4. Operational Environment | Parameter | Range | | :--- | :--- | | **Operating Temperature** | 0°C to 70°C (Commercial/Server Grade) | | **Storage Temperature** | -40°C to 85°C | | **Cooling Requirement** | Passive Heatsink or Active Airflow required | ---
    ✨ Follow-up Questions
    • ⤷What is the specific manufacturer for the M2AS1-5443-R2?
    • ⤷ How do I configure PCIe bifurcation for this module in the BIOS?
    • ⤷ What is the maximum data transfer rate supported by this part?