công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AS1-5443-R/N

  • AI
    Based on the part number **M2AS1-5443-R/N**, this component belongs to the category of **Magnetic Modular Jacks** (often called MagJacks), typically manufactured by companies like **Link-PP** or compatible brands. These are RJ45 connectors with integrated Ethernet isolation transformers. --- ### 1. Component Overview The M2AS1-5443-R/N is a **1x1 Port RJ45 Connector** designed for high-speed networking. Unlike standard plastic jacks, this part contains internal circuitry (magnetics) to handle signal conditioning and EMI suppression. ### 2. Technical Specifications Below is a breakdown of the typical electronic and physical characteristics for this series: | Feature | Specification | | :--- | :--- | | **Data Rate** | 10/100/1000 Base-T (Gigabit Ethernet) | | **Orientation** | Side Entry (Right Angle / Tab-Up) | | **Mounting Type** | Through Hole (THT) | | **LED Configuration** | Green / Yellow (Standard status indicators) | | **Shielding** | Brass with Nickel plating (EMI protection) | | **Isolation Voltage** | 1500 Vrms (Minimum) | | **Operating Temp** | 0°C to +70°C (Commercial) or -40°C to +85°C (Industrial) | --- ### 3. Integrated Electronic Components The "Magic" inside the **M2AS1-5443-R/N** consists of three primary electronic sub-components: 1. **Isolation Transformers:** Provides electrical isolation between the Ethernet cable and the PHY chip to protect the PCB from high-voltage surges. 2. **Common Mode Chokes:** Filters out electromagnetic interference (EMI) and noise from the differential signal pairs. 3. **Termination Resistors & High-Voltage Capacitor:** Usually includes a "Bob Smith" termination circuit (75Ω resistors and a 1000pF/2kV capacitor) to reduce common-mode emissions and improve signal integrity. --- ### 4. Pinout and Circuit Schematic While specific pinouts vary by manufacturer, the internal circuit usually follows this logic: ```c [RJ45 Side] <---> [Internal Magnetics] <---> [PCB Side] Pin 1 (TX+) ---- (Transformer/Choke) ---- Pin 1 (TD+) Pin 2 (TX-) ---- (Transformer/Choke) ---- Pin 2 (TD-) Pin 3 (RX+) ---- (Transformer/Choke) ---- Pin 3 (RD+) ... Shield Case ---- (Chassis Ground) ``` --- ### 5. Application Areas * **Network Interface Cards (NICs):** Desktop and server motherboards. * **Industrial Automation:** PLCs and industrial controllers requiring Ethernet connectivity. * **Consumer Electronics:** Smart TVs, game consoles, and routers. * **Embedded Systems:** Microcontroller boards (ESP32, STM32) using Ethernet PHYs.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout difference between the M2AS1 and standard RJ45 connectors?
    • ⤷ Are there specific PCB footprint files available for this part?
    • ⤷ Does this model support Power over Ethernet (PoE)?