M2AS1-5431-R2/N
AI

The **M2AS1-5431-R2/N** is a specific model of an **Industrial Motherboard (SBC)**, typically manufactured by companies specializing in embedded computing like Mitac or MiTAC Computing Technology. It is designed for high-reliability environments such as kiosks, digital signage, and industrial automation.
Below is a breakdown of its electronic components and specifications.
---
### 1. Core Component Specifications
| Component | Specification Details |
| :--- | :--- |
| **Form Factor** | 3.5" Single Board Computer (SBC) |
| **Processor (CPU)** | Intel® Celeron® J6412 (Elkhart Lake) |
| **Memory Support** | 1x DDR4 SO-DIMM (Up to 3200MHz, max 32GB) |
| **Storage Interfaces** | 1x SATA III, 1x M.2 (Key M) for NVMe/SATA SSD |
| **Power Input** | +12V DC-in (Internal or External connector) |
---
### 2. Connectivity and I/O Layout
The board is characterized by its high density of peripheral connections required for industrial control:
* **Display Interfaces:**
* **HDMI/DisplayPort:** For high-resolution external monitors.
* **LVDS/eDP:** Internal headers for connecting raw LCD panels directly.
* **Networking:**
* Dual Intel Gigabit Ethernet (LAN) ports for network redundancy or IoT gateway functions.
* **Expansion Slots:**
* **M.2 Key E:** Typically used for Wi-Fi/Bluetooth modules.
* **M.2 Key B:** Often used for 4G/5G cellular modules or additional storage.
* **Serial Communication:**
* Multiple COM ports (RS232/422/485) for legacy hardware communication.
---
### 3. Key Electronic Characteristics
#### A. Thermal Management
As an industrial board, it features a **Fanless Design**. The CPU is positioned to dissipate heat through a large aluminum heatsink or directly to the chassis, reducing failure points caused by mechanical fans.
#### B. Power Circuitry
The board utilizes **Industrial Grade Capacitors** and a wide-input voltage regulation circuit to handle power fluctuations common in factory environments. It often includes an "Auto Power On" jumper for remote deployments.
#### C. Robustness (N Series Variation)
The "/N" suffix usually denotes a specific configuration or a "No-Heatsink" / "Neutral" OEM version intended for integration into specific enclosures where the customer provides the thermal solution.
---
### 4. Technical Pinout (General Overview)
```yaml
Internal_Headers:
- USB_2.0: 2x 5-pin headers
- COM_Ports: 4x Box headers
- GPIO: 8-bit Digital I/O (4-in, 4-out)
- Audio: Front panel header (Line-out / Mic-in)
- Power: 4-pin ATX or DC Jack
```
---
- ⤷
What are the specific power requirements for the M2AS1-5431-R2/N?
- ⤷ Does this motherboard support Windows 11 and Linux distributions?
- ⤷ What is the operating temperature range for this specific industrial board?