AI

Based on the technical nomenclature, the **M2AS1-5431-R/N** typically refers to a specialized **M.2 (NGFF) Connector** or a related interface module used in industrial and telecommunications hardware. These components are designed for high-speed data transmission and compact form factors.
Below is a breakdown of the electronic parts, specifications, and characteristics associated with this series of components.
---
### 1. General Specifications
This part is a **Surface Mount Technology (SMT)** connector designed to interface M.2 cards (such as SSDs or wireless modules) with a Printed Circuit Board (PCB).
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | M.2 (NGFF - Next Generation Form Factor) |
| **Pin Count** | 67-Pin or 75-Pin (Standard M.2) |
| **Mounting Style** | Right Angle, SMT (Surface Mount) |
| **Pitch** | 0.50 mm |
| **Keying** | Typically B-Key, M-Key, or E-Key (Refer to sub-variant) |
| **Operating Voltage** | 50V AC/DC |
| **Current Rating** | 0.5A per pin |
---
### 2. Detailed Electronic Components
The "part" itself is an assembly of several critical materials and sub-components:
#### A. Housing (Insulator)
* **Material:** High-temperature thermoplastic (e.g., LCP - Liquid Crystal Polymer).
* **Purpose:** Provides structural integrity and electrical isolation between the conductive pins. It is designed to withstand reflow soldering temperatures (approx. 260°C).
#### B. Signal Contacts (Pins)
* **Material:** Copper Alloy (Phosphor Bronze or Beryllium Copper).
* **Plating:** Gold plating on the contact area (for superior conductivity and corrosion resistance) and Tin plating on the solder tails.
* **Function:** Facilitates the high-speed differential pair signals required for PCIe, SATA, or USB protocols.
#### C. Solder Tabs (Nails)
* **Material:** Stainless steel or Copper alloy with tin plating.
* **Function:** These are the larger metal tabs on the sides of the connector. They provide mechanical stability and strain relief, ensuring the connector doesn't lift off the PCB during the insertion/extraction of M.2 cards.
---
### 3. Part Number Suffix Breakdown
While nomenclature varies by manufacturer (such as Foxconn, Amphenol, or Lotes), the suffix usually denotes specific physical attributes:
* **-R:** Often signifies **Tape and Reel** packaging, suitable for automated pick-and-place assembly machines.
* **-N:** Typically denotes **Halogen-Free** materials or a specific plating variant (e.g., Nickel underplating).
* **5431:** Usually refers to the specific height (e.g., 4.3mm or 3.1mm profile height) and the keying configuration.
---
### 4. Application Context
The M2AS series is commonly found in:
1. **Industrial PCs:** Compact motherboards requiring NVMe storage.
2. **Networking Gear:** Used for pluggable LTE/5G modules or Wi-Fi 6 cards.
3. **Embedded Systems:** High-density computing where vertical space is limited.
---
- ⤷
What is the specific height (mm) of the M2AS1-5431 variant?
- ⤷ Which M.2 Key (A
- ⤷ B
- ⤷ E
- ⤷ or M) is compatible with this part number?
- ⤷ What are the recommended PCB footprint dimensions for this SMT connector?