công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AS1-5414-R2

  • AI
    The **M2AS1-5414-R2** is a specialized backplane or riser board assembly, typically found in high-density server environments (such as those manufactured by Wiwynn or used in OCP - Open Compute Project - infrastructures). It is designed to bridge the connection between a motherboard and high-speed storage or expansion modules. ### 1. Key Technical Specifications Based on the model numbering and standard server architecture, here are the primary electronic characteristics: | Component Feature | Description | | :--- | :--- | | **Interface Type** | PCIe Gen 4 / Gen 3 Support | | **Form Factor** | Proprietary Horizontal Riser / Backplane | | **Connector A** | High-density mezzanine or gold finger edge connector | | **Connector B** | M.2 (NGFF) Slots or Slimline SAS/Oculink headers | | **Power Input** | 12V DC (derived from the main system bus) | | **Signal Integrity** | Differential pair routing for high-speed data (up to 16GT/s) | --- ### 2. Primary Electronic Components The assembly consists of several critical layers of electronic parts: #### A. Passive Components * **Decoupling Capacitors:** Small SMD (Surface Mount Device) capacitors located near power pins to filter high-frequency noise and stabilize the voltage for NVMe drives. * **Termination Resistors:** Used to maintain signal integrity across long traces and prevent signal reflections in high-speed PCIe lanes. #### B. Power Management * **Voltage Regulators / LDOs:** Converts the system 12V or 5V rails down to the 3.3V required by M.2 SSDs. * **eFuses/Load Switches:** Many enterprise-grade risers include protection circuitry to prevent a single failing drive from shorting out the entire motherboard. #### C. Connectivity & Logic * **EEPROM:** A small memory chip that stores the "Vital Product Data" (VPD), allowing the system BIOS to identify the board version (R2) and its configuration. * **Clock Buffers:** If the traces are long, an onboard buffer might be used to re-drive the PCIe reference clock to ensure synchronization. --- ### 3. Usage Context The **"R2"** suffix indicates a second revision of the hardware, which usually implies improvements in: 1. **Thermal Dissipation:** Better copper pour or venting for high-heat NVMe drives. 2. **Signal Integrity:** Improved PCB trace routing to support PCIe Gen 4 speeds without data errors. 3. **Mechanical Fit:** Refined tolerances for the server chassis mounting points. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific server models compatible with the M2AS1-5414-R2?
    • ⤷ Does this board support PCIe Gen 4 or Gen 5 speeds?
    • ⤷ Where can I find the pinout diagram for the mezzanine connector on this board?