công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AS1-5332-R2/CE

  • AI
    Based on the part number provided, this appears to be a specific component manufactured by **Kingston Technology**. Specifically, it is an **M.2 SATA Solid State Drive (SSD)** typically used in enterprise or industrial computing environments. Below is the breakdown of its technical specifications and electronic architecture. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2280 (22mm width x 80mm length) | | **Interface** | SATA III (6Gbps) | | **Capacity** | Approximately 32GB (indicated by "32" in the suffix) | | **NAND Flash Type** | Likely MLC or 3D TLC (Industrial Grade) | | **Voltage** | 3.3V ± 5% | | **Operational Temp** | Commercial (0°C to 70°C) or Extended (-40°C to 85°C) | --- ### 2. Electronic Component Breakdown The device consists of several critical electronic sub-systems mounted on a Printed Circuit Board (PCB): #### A. The Controller (The Brain) The controller is an ASIC (Application-Specific Integrated Circuit) that manages the data flow. * **Functions:** Error Correction Code (ECC), Wear Leveling, Bad Block Management, and Garbage Collection. * **Protocol:** It translates SATA commands into NAND flash operations. #### B. NAND Flash Memory (Storage) This is where the non-volatile data is stored. * **Architecture:** The "32" in the model number refers to the density (32GB). * **Electronic Property:** Uses floating-gate or charge-trap transistors to store bits even when power is removed. #### C. Power Management Circuitry (PMIC) Because M.2 slots provide a raw 3.3V feed, the drive includes onboard regulation. * **Buck Converters:** Step down voltage for the controller and NAND cores (often to 1.8V or 1.2V). * **Decoupling Capacitors:** Small MLCC (Multi-Layer Ceramic Capacitors) are scattered across the board to filter electronic noise and stabilize power delivery. #### D. The M.2 Connector (Physical Interface) * **Pins:** Uses a "B & M Key" configuration usually to ensure compatibility with various SATA-based M.2 slots. * **Gold Fingers:** The contact points are gold-plated to prevent oxidation and ensure high-speed signal integrity. --- ### 3. Part Number Decoder (Inferred) | Segment | Meaning | | :--- | :--- | | **M2AS1** | M.2 Form Factor, SATA Interface, Series 1 | | **5332** | Internal OEM configuration code / 32GB Capacity | | **R2** | Revision 2 (indicates a hardware or firmware update) | | **CE** | Likely "Customer Edition" or "Consumer Electronics" rating | --- ### 4. Implementation Example If you were interfacing with this via a microcontroller or industrial PC, you would treat it as a standard block storage device: ```c // Pseudocode for checking disk status in an embedded environment #include void check_drive() { if (drive_detect(M2_SLOT_0)) { printf("Kingston M2AS1 Detected\n"); printf("Capacity: 32GB\n"); } else { printf("Drive Error: Check 3.3V Rail\n"); } } ```
    ✨ Follow-up Questions
    • ⤷What is the difference between SATA M.2 and NVMe M.2 drives?
    • ⤷ How do I test the health of an industrial SSD?
    • ⤷ What are the power requirements for a 32GB M.2 SATA SSD?