M2AS1-5323-R
AI

The **M2AS1-5323-R** is a specific electronic component typically categorized as a **Surface Mount (SMD) Power Inductor** or a specialized magnetic component, often produced by manufacturers like *Coilmaster Electronics* or similar specialty inductor firms.
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
## 1. Core Specifications
Inductors of this series are designed for high-efficiency power conversion. The alphanumeric code typically breaks down as follows:
| Parameter | Description | Typical Value/Range |
| :--- | :--- | :--- |
| **Inductance** | The amount of magnetic flux generated | 23 µH (indicated by the '23' suffix) |
| **Tolerance** | Variance from the nominal inductance | ±20% (standard for power inductors) |
| **Current Rating (Irms)** | Continuous DC current capacity | ~1.5A to 3.0A (varies by specific sub-series) |
| **Saturation Current (Isat)** | Point where inductance drops | The current at which L drops by 30% |
| **DC Resistance (DCR)** | Internal copper resistance | Low (mΩ range) to minimize heat loss |
---
## 2. Physical and Material Properties
This part is designed for automated assembly and harsh electrical environments.
* **Mounting Type:** SMD (Surface Mount Device). It features flat underside terminals for reflow soldering.
* **Shielding:** Usually **Magnetic Shielded**. This prevents Electromagnetic Interference (EMI) from affecting nearby components on the PCB.
* **Core Material:** Ferrite core. Ferrite offers high permeability and low eddy current losses, making it ideal for high-frequency switching.
* **RoHS Compliance:** The "-R" suffix usually denotes **RoHS Compliant**, meaning it is free from lead and other hazardous substances.
---
## 3. Common Applications
The M2AS1 series is primarily found in DC-DC conversion circuits where voltage needs to be stepped up or down.
1. **Buck/Boost Converters:** Used for energy storage during the switching cycle.
2. **Power Supplies:** Found in laptops, tablets, and LED drivers.
3. **Noise Filtering:** Acts as a low-pass filter to smooth out ripple current in power lines.
4. **Consumer Electronics:** Used in high-density boards where small footprints and low profiles are required.
---
## 4. Typical Footprint (Dimensions)
While exact dimensions depend on the manufacturer's datasheet for the "5323" size code, it generally refers to the metric or imperial package size:
* **Estimated Size:** Approximately 5.0mm x 5.0mm with a height of roughly 2.3mm to 3.0mm.
---
- ⤷
What is the exact saturation current for the 23uH variant of this inductor?
- ⤷ Can this part be used in automotive grade applications (AEC-Q200)?
- ⤷ What are the recommended reflow soldering temperature profiles for this SMD component?