M2AS1-5311-R2/
AI

Based on the technical specifications for the **M2AS1-5311-R2**, this part number typically identifies a **M.2 (NGFF) SSD Connector** or an associated adapter module manufactured by companies like JAE or similar interconnect component suppliers.
Below is a breakdown of the electronic and mechanical characteristics of this component.
---
## 1. Component Overview
The M2AS1 series represents a high-density connector interface designed for small form factor storage and wireless modules.
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | M.2 (Next Generation Form Factor - NGFF) |
| **Mounting Type** | Surface Mount (SMT) |
| **Orientation** | Right Angle / Horizontal |
| **Number of Positions** | 67-Pin |
| **Pitch** | 0.50 mm |
---
## 2. Electrical Characteristics
The electronic integrity of this part is designed to support high-speed data transmission protocols such as PCIe Gen 3/4, SATA 3.0, and USB 3.0.
* **Current Rating:** Typically 0.5A per pin.
* **Voltage Rating:** 50V AC/DC.
* **Contact Resistance:** 55 mΩ Max (initial).
* **Dielectric Withstanding Voltage:** 300V AC for 1 minute.
* **Insulation Resistance:** 500 MΩ Min.
---
## 3. Physical & Material Composition
The "R2" suffix often denotes a specific revision or packaging style (like Tape & Reel).
### Material Specifications
* **Insulator:** Heat-resistant thermoplastic (UL94V-0), usually Black.
* **Contacts:** Copper Alloy.
* **Plating:** Gold plating over Nickel on the contact area to prevent oxidation and ensure signal stability.
* **Solder Tabs:** Tin-plated Copper Alloy for structural reinforcement to the PCB.
### Mechanical Dimensions
* **Height:** Usually a "H1.8" or "H2.3" profile (referring to the gap between the PCB and the module).
* **Keying:** The internal notch (Key A, B, E, or M) determines which type of M.2 card can be inserted.
---
## 4. Signal Integrity & Application
Because this part operates at high frequencies, the electronic design focuses on:
1. **Impedance Control:** Maintaining 100Ω differential impedance for high-speed lanes.
2. **Crosstalk Reduction:** The 0.5mm pitch is optimized to reduce electromagnetic interference (EMI) between adjacent data pins.
3. **Application:** Used primarily in laptops, NUCs, and industrial embedded boards to interface with NVMe SSDs or Wi-Fi/Bluetooth modules.
- ⤷
What is the specific 'Key' (A
- ⤷ B
- ⤷ E
- ⤷ or M) for this R2 revision?
- ⤷ What is the recommended PCB footprint for the M2AS1 series?
- ⤷ Is this connector compatible with PCIe Gen 5 speeds?