công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AS1-5241-R/N

  • AI
    The **M2AS1-5241-R/N** is a specialized high-performance network interface component, typically identified as a **10/100/1000 Base-T Single Port Discrete LAN Magnetics Module**. These components are critical for Ethernet communication, providing isolation and signal conditioning between the Physical Layer (PHY) chip and the RJ45 connector. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and mechanical characteristics of the M2AS1-5241-R/N: | Parameter | Value/Description | | :--- | :--- | | **Type** | Discrete LAN Transformer / Magnetics | | **Ports** | Single Port (1x1) | | **Speed Support** | 10/100/1000 Base-T (Gigabit Ethernet) | | **Turns Ratio** | 1CT:1CT (Transmitter & Receiver) | | **Isolation Voltage** | 1500 Vrms (Minimum) | | **Insertion Loss** | -1.1 dB Max (1-100 MHz) | | **Return Loss** | -18 dB Min (1-30 MHz) | | **Mounting Type** | Surface Mount (SMT/SMD) | --- ### 2. Internal Electronic Structure The module contains several miniature components wound on toroidal cores, encapsulated in a plastic housing: 1. **Isolation Transformers:** Provides galvanic isolation to protect the internal circuitry from high-voltage spikes or ground loops on the network cable. 2. **Common Mode Chokes (CMC):** Integrated to suppress electromagnetic interference (EMI) and ensure the device passes EMC compliance tests. 3. **Center Taps:** Used for DC biasing and to support Power over Ethernet (PoE) in specific variations, though primarily used here for signal balancing. --- ### 3. Functional Applications This part is commonly found in networking hardware where space is a premium but high signal integrity is required: * **Motherboards & Laptops:** Integrated into the Ethernet subsystem. * **Network Switches/Routers:** Used at the physical interface layer. * **Industrial PCs:** Provides the necessary isolation for harsh electrical environments. * **Embedded Systems:** For IoT gateways requiring wired Gigabit connectivity. --- ### 4. Part Number Breakdown (Typical) * **M2AS:** Series designation (often indicating SMT Gigabit Magnetics). * **5241:** Specific internal wiring configuration and footprint code. * **R:** Usually denotes "RoHS Compliant." * **N:** Often indicates a specific revision or packaging type (e.g., Tape & Reel).
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M2AS1-5241-R/N?
    • ⤷ Are there PoE (Power over Ethernet) compatible versions of this transformer?
    • ⤷ How does the insertion loss of this module compare to 10G Base-T components?