M2AS1-5231-R
AI

The **M2AS1-5231-R** is a specific part number primarily associated with high-performance **M.2 (NGFF) Connectors**, typically manufactured by companies like **Lotes**. These components are critical in modern computing for interfacing SSDs, Wi-Fi modules, and LTE cards with the motherboard.
---
### 1. Technical Specifications
The part number encodes specific mechanical and electrical characteristics. Below is a breakdown of its typical parameters:
| Parameter | Specification |
| :--- | :--- |
| **Connector Type** | M.2 (Next Generation Form Factor - NGFF) |
| **Keying** | Key M (Commonly for PCIe x4 NVMe SSDs) |
| **Pitch** | 0.50 mm |
| **Height** | 3.20 mm (Standard Mid-height) |
| **Mounting Type** | Surface Mount (SMT) / Right Angle |
| **Number of Positions** | 67 Pins |
| **Contact Plating** | Gold Flash or 15u" Gold over Nickel |
| **Voltage Rating** | 50V AC/DC |
---
### 2. Key Features and Materials
The M2AS1 series is designed for high-speed data transmission and durability.
* **Materials:**
* **Housing:** High-temperature thermoplastic (LCP), UL 94V-0 rated (suitable for reflow soldering).
* **Contacts:** Copper alloy for high conductivity.
* **Performance:**
* Supports **PCIe Gen 3 and Gen 4** signal integrity.
* Low contact resistance (typically max 55mΩ).
* Operating temperature range: -40°C to +85°C.
---
### 3. Application Areas
This part is ubiquitous in compact electronics where space is a premium but high bandwidth is required.
1. **Consumer Electronics:** Laptops, Ultrabooks, and Mini-PCs for NVMe storage.
2. **Enterprise:** Server blade motherboards and data center storage arrays.
3. **Embedded Systems:** Industrial PCs requiring rugged M.2 storage or AI acceleration modules.
---
### 4. Comparison of Variants
The "5231" and the suffix "R" usually denote specific packaging or height variations within the M2AS series.
| Suffix/Part Code | Meaning |
| :--- | :--- |
| **5231** | Internal manufacturer code for Height (3.2mm) and Keying (M). |
| **-R** | Typically indicates **Tape & Reel** packaging for automated SMT assembly. |
---
- ⤷
What are the differences between M-Key and B-Key M.2 connectors?
- ⤷ Can this connector support PCIe Gen 5 speeds?
- ⤷ What is the recommended PCB footprint for the M2AS1 series?