M2AS1-5222-R/
AI

The **M2AS1-5222-R** is a specific part number typically associated with high-performance **M.2 (NGFF) connectors**, often manufactured by companies like **Foxconn** or similar electronic component vendors. These connectors are designed to interface M.2 cards (such as SSDs or Wi-Fi modules) with a motherboard or PCB.
---
### 1. Technical Specifications
Below are the general technical parameters for this type of component:
| Feature | Specification |
| :--- | :--- |
| **Interface Type** | M.2 (Next Generation Form Factor - NGFF) |
| **Keying** | Typically **M-Key** (Common for PCIe/NVMe SSDs) |
| **Pin Count** | 67-Pin or 75-Position |
| **Pitch** | 0.50 mm |
| **Mounting Type** | Surface Mount (SMT) |
| **Orientation** | Right Angle / Horizontal |
| **Operating Voltage** | 50V AC/DC |
| **Current Rating** | 0.5A per pin |
---
### 2. Physical Characteristics
* **Standoff Height:** The "R" or specific suffix often denotes a specific height (e.g., 2.25mm or 3.2mm) to provide clearance for components located on the underside of the M.2 module.
* **Material:** High-temperature thermoplastic housing (LCP) capable of withstanding lead-free reflow soldering processes.
* **Plating:** Gold plating on contact areas to ensure high conductivity and prevent oxidation over high-speed data cycles.
---
### 3. Application Use Cases
The M2AS1 series is primarily used in computing hardware to facilitate high-speed data transfer:
1. **Storage:** Connecting NVMe or SATA M.2 Solid State Drives.
2. **Connectivity:** Housing Wi-Fi, Bluetooth, or WWAN (4G/5G) modules.
3. **Industrial PCs:** Used in compact embedded systems where space is at a premium.
---
### 4. Mounting & Footprint
The part is designed for **Automated Optical Inspection (AOI)** and pick-and-place assembly. It features:
* **Solder Pegs:** Mechanical tabs that provide structural integrity to the PCB, ensuring the connector doesn't rip off during module insertion/extraction.
* **Alignment Bosses:** Small plastic pegs on the bottom to ensure the connector is perfectly centered on the PCB pads before soldering.
---
- ⤷
What is the exact height of the M2AS1-5222-R version?
- ⤷ Is this connector compatible with B-Key modules?
- ⤷ What are the recommended reflow soldering temperature profiles for this part?