công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AS1-5221-R

  • AI
    The **M2AS1-5221-R** is a specific part number typically associated with high-frequency, surface-mount **directional couplers** or specialized RF components, often produced by manufacturers like **Mini-Circuits**. Below is a breakdown of the electronic characteristics and specifications typical for this series of components. --- ### 1. General Component Specifications These devices are designed for RF (Radio Frequency) and microwave applications where signal monitoring, leveling, and power measurement are required without interrupting the main signal path. | Feature | Description | | :--- | :--- | | **Component Type** | Directional Coupler | | **Mounting Type** | Surface Mount (SMT) | | **Impedance** | 50 Ohms (Standard RF) | | **Lead Finish** | RoHS Compliant (indicated by the "-R" suffix) | | **Core Material** | Ceramic or Ferrite based | --- ### 2. Key Electronic Parameters To understand how this part functions in a circuit, we look at the following technical metrics: * **Frequency Range:** Typically operates in the wideband spectrum (often covering several hundred MHz to several GHz). * **Coupling Value:** The "21" in the suffix often denotes a nominal coupling of **20dB to 21dB**, meaning the sampled signal is approximately 1/100th of the input power. * **Insertion Loss:** The power lost as the signal passes from the input to the output. High-quality couplers like this aim for $< 1.0 \text{ dB}$. * **Directivity:** The ability of the coupler to differentiate between forward and reflected waves. * **VSWR (Voltage Standing Wave Ratio):** A measure of impedance matching; usually kept below 1.5:1 to minimize signal reflection. --- ### 3. Pin Configuration and Internal Logic Directional couplers typically feature a 4-port or 6-port configuration. The electronic pathing follows this logic: 1. **Input Port (P1):** Where the main RF signal enters. 2. **Output Port (P2):** Where the main signal exits (slightly attenuated). 3. **Coupled Port (P3):** Where a fraction of the input power is provided for measurement. 4. **Isolated/Terminated Port (P4):** Usually terminated internally or externally to prevent reflections. --- ### 4. Typical Applications * **Power Monitoring:** Measuring the output power of a transmitter. * **Signal Sampling:** Taking a small portion of a signal for analysis by a frequency counter or spectrum analyzer. * **Antenna VSWR Measurement:** Monitoring reflected power to ensure antenna health. * **Feedback Loops:** Used in Automatic Gain Control (AGC) circuits. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency range supported by the M2AS1-5221-R?
    • ⤷ Can you provide the footprint dimensions for this SMT component?
    • ⤷ What is the maximum power handling capacity in Watts for this coupler?