công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AS1-5134-R2

  • AI
    The **M2AS1-5134-R2** is a high-performance, industrial-grade **Solid State Drive (SSD)** manufactured by **Innodisk**. It belongs to the M.2 (S42) 3ME4 series, specifically designed for embedded systems, automation, and industrial computing where reliability and space-constrained form factors are critical. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2242 (S42) | | **Interface** | SATA III 6.0 Gb/s | | **Capacity** | 32GB | | **Flash Type** | MLC (Multi-Level Cell) | | **Controller** | Marvell / Innodisk Proprietary ID107 | | **Performance (R/W)** | Up to 530 / 100 MB/s | | **Power Consumption** | Max 1.1W (3.3V x 330mA) | | **MTBF** | > 3 million hours | --- ### 2. Electronic Components and Architecture The M2AS1-5134-R2 is composed of three primary electronic layers: #### A. The Controller (The Brain) The board features an advanced SATA controller that manages data flow between the host system and the NAND flash. It handles: * **Bad Block Management:** Automatically identifies and bypasses defective memory cells. * **Error Correction Code (ECC):** Uses LDPC (Low-Density Parity-Check) to ensure data integrity. * **Wear Leveling:** Distributes write/erase cycles evenly across the flash chips to prevent premature failure of specific sectors. #### B. NAND Flash Memory This model utilizes **MLC (Multi-Level Cell)** storage. While newer consumer drives use TLC or QLC, industrial drives like this one prefer MLC because: * It offers a higher endurance rating (P/E cycles). * It provides better stability in varying temperature environments. * It has lower latency compared to high-density consumer chips. #### C. Power Management Circuitry The "R2" revision often includes optimized power circuitry to handle: * **In-rush Current Protection:** Prevents damage during system boot-up. * **iData Guard:** A proprietary technology that monitors power drops and ensures the last command is completed before shutdown to prevent data corruption. --- ### 3. Industrial Features (iCell & Thermal) The electronic design is hardened for non-consumer environments: 1. **Thermal Sensor:** Integrated into the PCB to throttle performance if the drive exceeds its operating temperature (Standard: 0°C to +70°C). 2. **Gold Finger Interface:** Uses 30μ” gold plating on the M.2 connectors to ensure a stable connection even in high-vibration environments. 3. **Shock/Vibration Resistance:** Designed to withstand 1500G shock and 20G vibration, significantly higher than standard mechanical HDDs. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between MLC and TLC flash in industrial SSDs?
    • ⤷ Does this model support AES-256 hardware encryption?
    • ⤷ What is the physical dimensions of the M.2 2242 form factor?