M2AS1-5132-R
AI

The **M2AS1-5132-R** is a specific part number typically associated with high-speed interface connectors, most commonly found in **M.2 (NGFF) SSD slots** or similar modular interface applications. These components are critical for establishing reliable electrical connections between a motherboard and peripheral modules.
---
### 1. Component Overview
The M2AS series generally refers to **M.2 Card Edge Connectors**. These are surface-mount (SMT) components designed to accept M.2 cards (SSDs, Wi-Fi modules, etc.).
| Feature | Specification Details |
| :--- | :--- |
| **Connector Type** | M.2 (Next Generation Form Factor - NGFF) |
| **Mounting Type** | Surface Mount (SMT) / Right Angle |
| **Pitch** | 0.50 mm |
| **Keying** | Typically "M" Key (PCIe x4/SATA) or "B" Key |
| **Height** | Usually 3.2mm (indicated by the "32" in the suffix) |
---
### 2. Technical Characteristics
These connectors are engineered to handle high-frequency signals while maintaining a small footprint.
* **Signal Integrity:** Designed to support PCIe Gen 3, Gen 4, and SATA 3.0 protocols with minimal crosstalk.
* **Contact Material:** Typically copper alloy with gold plating on the contact area to prevent oxidation and ensure low contact resistance.
* **Pin Count:** Usually 67 pins (standard for M.2).
* **Mechanical Durability:** Rated for approximately 60 to 100 mating cycles.
---
### 3. Pinout Logic and Keying
The M2AS series uses "Keys" (notches in the connector) to prevent the wrong type of card from being inserted.
| Key | Interface Supported | Common Usage |
| :--- | :--- | :--- |
| **B Key** | SATA / PCIe x2 | Older SSDs, WWAN modules |
| **M Key** | PCIe x4 / NVMe | High-speed NVMe SSDs |
| **E Key** | PCIe / USB / SDIO | Wi-Fi and Bluetooth modules |
---
### 4. Circuit Integration Example
In a PCB layout, the M2AS1-5132-R requires a specific landing pattern for its 0.5mm pitch pins.
```c
// Conceptual pin grouping for M.2 M-Key (Simplified)
Pins 1-11: Ground / 3.3V Power
Pins 12-19: Reserved / Config
Pins 21-33: PCIe Lane 3 & 2 (Differential Pairs)
Pins 35-49: PCIe Lane 1 & 0 (Differential Pairs)
Pins 51-57: Clock Signals (REFCLK)
Pins 59-66: 3.3V Power
```
---
### 5. Common Applications
* **Laptops/Ultrabooks:** Primary storage slots for NVMe SSDs.
* **Industrial PCs:** Compact data logging modules.
* **IoT Gateways:** Housing for cellular or Wi-Fi communication cards.
- ⤷
What is the significance of the 3.2mm height in M.2 connector selection?
- ⤷ How does the 'M' keying differ from the 'B' keying in terms of pin layout?
- ⤷ What are the soldering requirements for 0.5mm pitch SMT connectors?