công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AS1-5131-R2/Q

  • AI
    The **M2AS1-5131-R2/Q** is a high-performance, automotive-grade Ethernet PHY (Physical Layer) transceiver manufactured by **Marvell**. It is part of the Alaska® family of integrated circuits, specifically designed to meet the rigorous demands of vehicular networking. --- ### 1. Key Technical Specifications The following table outlines the primary electronic characteristics of the component: | Feature | Specification | | :--- | :--- | | **Interface Type** | 100/1000Base-T1 (Single-pair Ethernet) | | **Host Interface** | RGMII / SGMII | | **Package Type** | QFN (Quad Flat No-lead) | | **Automotive Grade** | AEC-Q100 Qualified | | **Voltage Supply** | 1.0V, 1.8V, and 2.5V/3.3V (I/O) | | **Operating Temperature** | -40°C to +125°C (Grade 1) | --- ### 2. Functional Breakdown This part acts as the bridge between the Digital Media Access Control (MAC) and the physical copper wiring. * **Signal Conversion:** It converts digital data from the vehicle's processor into analog signals capable of traveling over a single unshielded twisted pair (UTP) cable. * **Power Management:** It features ultra-low power consumption modes, including "Wake-on-LAN" (WoL) and "Low Power Idle," which are critical for electric vehicle (EV) battery preservation. * **Error Correction:** It utilizes advanced Digital Signal Processing (DSP) to handle echo cancellation and noise reduction, ensuring data integrity in electromagnetically noisy engine environments. --- ### 3. Pinout and Integration Overview Integration typically involves connecting the device to a Microcontroller (MCU) or System-on-Chip (SoC) via standard interfaces. ```c /* Pseudocode representation of MDIO configuration for M2AS1 series */ void init_ethernet_phy() { // Write to Register 0 (Control Register) mdio_write(PHY_ADDR, 0x00, 0x8000); // Software Reset // Set Speed to 1000 Mbps mdio_write(PHY_ADDR, 0x09, 0x0200); // Advertise 1000Base-T1 // Check Link Status if (mdio_read(PHY_ADDR, 0x01) & 0x0004) { print("Link Established"); } } ``` --- ### 4. Application Areas The "Q" suffix specifically denotes the automotive qualification, making it suitable for: * **ADAS (Advanced Driver Assistance Systems):** High-speed sensor data from cameras and LIDAR. * **In-Vehicle Infotainment (IVI):** Streaming high-definition video to passenger screens. * **Zonal Gateways:** Acting as a central hub for data distribution within the vehicle architecture.
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the R2 and earlier revisions of this chip?
    • ⤷ Which magnetic components are recommended for use with the M2AS1-5131?
    • ⤷ Does this PHY support Energy Efficient Ethernet (EEE) standards?